データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT15-073 データシート(PDF) 5 Page - Siemens Semiconductor Group

部品番号 BAT15-073
部品情報  HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT15-073 データシート(HTML) 5 Page - Siemens Semiconductor Group

  BAT15-073 Datasheet HTML 1Page - Siemens Semiconductor Group BAT15-073 Datasheet HTML 2Page - Siemens Semiconductor Group BAT15-073 Datasheet HTML 3Page - Siemens Semiconductor Group BAT15-073 Datasheet HTML 4Page - Siemens Semiconductor Group BAT15-073 Datasheet HTML 5Page - Siemens Semiconductor Group BAT15-073 Datasheet HTML 6Page - Siemens Semiconductor Group BAT15-073 Datasheet HTML 7Page - Siemens Semiconductor Group BAT15-073 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BAT 15
Semiconductor Group
5
Draft A03 1998-04-01
Table 3
AC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Total capacitance
V
R = 0 V, f = 1 MHz
BAT15-013, -014, -033, -034
BAT15-043, -044, -063, -064
BAT15-073, -074, -093, -094
BAT15-103, -104, -113, -114
BAT15-123, -124
C
T
-
-
-
-
-
0.35
0.30
0.27
0.23
0.20
0.60
0.35
0.30
0.25
0.22
pF
Noise figure
I.F. = 30 MHz
LO power = 0 dBm
LO = 9.375 GHz
BAT15-013, -014
BAT15-033, -034
BAT15-043, -044
BAT15-063, -064
BAT15-073, -074
BAT15-093, -094
BAT15-103, -104
BAT15-113, -114
BAT15-123, -124
NF
-
-
-
-
-
-
-
-
-
5.3
6.3
5.3
6.3
5.3
6.3
5.7
7.2
8.0
5.5
6.5
5.5
6.5
5.5
6.5
6.0
7.5
9.0
dB


同様の部品番号 - BAT15-073

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BAT15-074 SIEMENS-BAT15-074 Datasheet
19Kb / 2P
   Silicon Schottky Diodes (Low barrier diodes For mixer applications Hermetically sealed ceramic packages For frequencies up to 40 GHz)
logo
Infineon Technologies A...
BAT15-07LRH INFINEON-BAT15-07LRH Datasheet
970Kb / 16P
   Silicon Schottky Diodes
2010-03-05
More results

同様の説明 - BAT15-073

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BAT14 SIEMENS-BAT14 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com