データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-39200-022 データシート(PDF) 1 Page - Bel Fuse Inc.

部品番号 SS-39200-022
部品情報  SS-39200 Series CAT6a Shielded Plugs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BEL [Bel Fuse Inc.]
ホームページ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SS-39200-022 データシート(HTML) 1 Page - Bel Fuse Inc.

  SS-39200-022 Datasheet HTML 1Page - Bel Fuse Inc. SS-39200-022 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT6a Shielded Plugs
Bel Stewart Connector GmbH
Industriestrasse 20
61381 Friedrichsdorf
Germany
Tel 49-6172-9552-0
www.belstewart.com
Bel Stewart Connector
11118 Susquehanna Trail South
Glen Rock, PA 17327 USA
Tel 717-235-7512
Fax 717-235-4675
www.belstewart.com
Document part number LIT-CAT6A-Plugs. ©2010 Bel Stewart Connector Specifications subject to change without notice. 10.10
SS-39200 Series CAT6a Shielded Plugs
Features / Benefits
• IdealforcreatingsuperiorhighperformanceCAT6apatchcablesin10GigabitEthernet
applicationswherehighdensityroutersandswitchesareemployed
• Mechanicaldesignfeatureswirealignerandmanagementbarcombotoguaranteeconsistent
twistedpairorientationduringplugassembly
• MeetsCAT6aperformancerequirementsperANSI/TIA-568-B.2-10andIEC60603-7-51
• Robustshieldterminationandstrainreliefallowforone-stepterminationprocess
• Optionalslimlinebootfeaturesintegratedstrainreliefandlatchprotection
• Selectivelyplatedcontactswith50micro-inches(0.76um)ofgold
• UL94-V0plasticcomponents
• RoHScompliant
BelStewart’sSS-39200Seriesofshieldedplugsis
designedforuseonCAT6apatchcablesinpremise
wiringsystems.Engineeredtomeetthe500MHz
requirementsofCAT6aspecifications,theSS-39200
plugsofferrobustshieldterminationsandstrainreliefwhichallowforaone-stepterminationprocessandprovidea360°
connectionbetweenthecableshieldandplugshield.TheSS-39200Series'highperformanceisachievedthroughan
innovativemechanicaldesignfeaturingawirealignerandmanagementbarcombinationthatguaranteesconsistent
twistedpairorientationduringplugassembly.Thewirealignerincludesapatent-pending"crosstalkzone"wherea
preciseamountofcrosstalkisintroducedtotheplugallowingforcenterednearendcrosstalk(NEXT)performanceon
pairs3,6-4,5accordingtoANSI/TIA-568-B.2-10andIEC60603-7-51standards.Thiswirealignerfeaturealsoprovides
thecableassemblerwithavisualandmechanicalmeansforbuildingconsistentassembliescapableofdeliveringCAT6a
performance.Asaresult,operatorefficiencyinbuildingpatchcablesimprovesimmediatelyandoverthelongterm,and
productivityismuchhigherthanwithtypicalCAT6orCAT6aplugassemblies.Forincreasedspaceefficiency,theboot
designoftheplugdoesnotincreasetheoverallwidth,makingtheSS-39200Seriesidealforuseinhigh-densityrouters
and switches.
Part Number
Boot
Cable Diameter Range
SS-39200-020
Black
.220” - .240”
[5.59mm - 6.10mm]
SS-39200-021
Boot not included
.220” - .240”
[5.59mm - 6.10mm]
SS-39200-022
Black
.230” - .250”
[5.84mm - 6.35mm]
SS-39200-023
Boot not included
.230” - .250”
[5.84mm - 6.35mm]


同様の部品番号 - SS-39200-022

メーカー部品番号データシート部品情報
logo
Bel Fuse Inc.
SS-39200-022 BEL-SS-39200-022 Datasheet
411Kb / 2P
   CAT6a Large Diameter Modular Plugs
SS-39200-022 BEL-SS-39200-022 Datasheet
256Kb / 1P
   8 Conductor, 8 Position shielded cat6/6A plug
More results

同様の説明 - SS-39200-022

メーカー部品番号データシート部品情報
logo
Bel Fuse Inc.
SS-39200-027 BEL-SS-39200-027 Datasheet
411Kb / 2P
   CAT6a Large Diameter Modular Plugs
logo
Sharma Electro Componen...
SS SHARMA-SS Datasheet
340Kb / 2P
   SS Series
logo
E-SWITCH
SS0750301F020P1A E-SWITCH-SS0750301F020P1A Datasheet
1Mb / 2P
   SERIES SS SWITCHES
logo
Omron Electronics LLC
SS-P_1110 OMRON-SS-P_1110 Datasheet
401Kb / 6P
   SS Series Compatible Mounting
logo
Molex Electronics Ltd.
0622020500 MOLEX-0622020500 Datasheet
47Kb / 2P
   Hand Crimp Tool for RJ-45 CAT5, CAT5e, CAT6, CAT6A Plugs, 22-28 AWG
01/25/2022
logo
PHOENIX CONTACT
0321019 PHOENIX-0321019 Datasheet
222Kb / 8P
   URTK/SS
logo
TE Connectivity Ltd
C-5-1419124-7 TEC-C-5-1419124-7 Datasheet
129Kb / 2P
   OSA-SS-DM5,000,000M
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com