データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3585CDV データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI3585CDV
部品情報  N- and P-Channel 20 V (D-S) MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3585CDV データシート(HTML) 2 Page - Vishay Siliconix

  SI3585CDV Datasheet HTML 1Page - Vishay Siliconix SI3585CDV Datasheet HTML 2Page - Vishay Siliconix SI3585CDV Datasheet HTML 3Page - Vishay Siliconix SI3585CDV Datasheet HTML 4Page - Vishay Siliconix SI3585CDV Datasheet HTML 5Page - Vishay Siliconix SI3585CDV Datasheet HTML 6Page - Vishay Siliconix SI3585CDV Datasheet HTML 7Page - Vishay Siliconix SI3585CDV Datasheet HTML 8Page - Vishay Siliconix SI3585CDV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.vishay.com
2
Document Number: 67470
S11-0613-Rev. A, 04-Apr-11
Vishay Siliconix
Si3585CDV
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
N-Ch
20
V
VGS = 0 V, ID = - 250 µA
P-Ch
- 20
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
N-Ch
15
mV/°C
ID = - 250 µA
P-Ch
- 16.2
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 µA
N-Ch
- 2.8
ID = - 250 µA
P-Ch
2.5
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.6
1.5
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.6
- 1.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
N-Ch
± 100
nA
P-Ch
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
N-Ch
1
µA
VDS = - 20 V, VGS = 0 V
P-Ch
- 1
VDS = 20 V, VGS = 0 V, TJ = 55 °C
N-Ch
10
VDS = - 20 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 10
On-State Drain Currentb
ID(on)
VDS 5 V, VGS = 4.5 V
N-Ch
12
A
VDS - 5 V, VGS = - 4.5 V
P-Ch
- 5
Drain-Source On-State Resistanceb
RDS(on)
VGS = 4.5 V, ID = 2.5 A
N-Ch
0.048
0.058
VGS = - 4.5 V, ID = - 1.9 A
P-Ch
0.162
0.195
VGS = 2.5 V, ID = 1 A
N-Ch
0.065
0.078
VGS = - 2.5 V, ID = - 1 A
P-Ch
0.263
0.316
Forward Transconductanceb
gfs
VDS = 10 V, ID = 35 A
N-Ch
12
S
VDS = - 10 V, ID = - 1.9 A
P-Ch
1
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 10 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 10 V, VGS = 0 V, f = 1 MHz
N-Ch
150
pF
P-Ch
210
Output Capacitance
Coss
N-Ch
53
P-Ch
50
Reverse Transfer Capacitance
Crss
N-Ch
22
P-Ch
35
Total Gate Charge
Qg
VDS = 10 V, VGS = 5 V, ID = 3.5 A
N-Ch
3.2
4.8
nC
VDS = - 10 V, VGS = - 5 V, ID = - 1.9 A
P-Ch
6
9
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 3.5 A
P-Channel
VDS = - 10 V, VGS = - 4.5 V, ID = - 1.9 A
N-Ch
1.6
2.4
P-Ch
2.9
4.3
Gate-Source Charge
Qgs
N-Ch
0.3
P-Ch
0.6
Gate-Drain Charge
Qgd
N-Ch
0.4
P-Ch
0.9
Gate Resistance
Rg
f = 1 MHz
N-Ch
0.9
4.8
9.6
P-Ch
1.2
6.2
12.4


同様の部品番号 - SI3585CDV

メーカー部品番号データシート部品情報
logo
Vishay Telefunken
SI3585CDV TFUNK-SI3585CDV Datasheet
255Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI3585CDV VISHAY-SI3585CDV Datasheet
285Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3585CDV-T1-GE3 VBSEMI-SI3585CDV-T1-GE3 Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Vishay Siliconix
SI3585CDV VISHAY-SI3585CDV_V01 Datasheet
285Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI3585CDV

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com