データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4276DY-T1-GE3 データシート(PDF) 3 Page - Vishay Siliconix

部品番号 SI4276DY-T1-GE3
部品情報  Dual N-Channel 30 V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4276DY-T1-GE3 データシート(HTML) 3 Page - Vishay Siliconix

  SI4276DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4276DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Document Number: 66599
S10-1289-Rev. A, 31-May-10
www.vishay.com
3
Vishay Siliconix
Si4276DY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
Channel 1
VDD = 15 V, RL = 2 Ω
ID ≅ 7.6 A, VGEN = 10 V, Rg = 1 Ω
Channel 2
VDD = 15 V, RL = 2.7 Ω
ID ≅ 5.5 A, VGEN = 10 V, Rg = 1 Ω
Ch 1
8
16
ns
Ch 2
4
8
Rise Time
tr
Ch 1
10
20
Ch 2
8
16
Turn-Off DelayTime
td(off)
Ch 1
20
30
Ch 2
11
20
Fall Time
tf
Ch 1
7
14
Ch 2
7
14
Turn-On Delay Time
td(on)
Channel 1
VDD = 15 V, RL = 2 Ω
ID ≅ 7.6 A, VGEN = 4.5 V, Rg = 1 Ω
Channel 2
VDD = 15 V, RL = 2.7 Ω
ID ≅ 5.5 A, VGEN = 4.5 V, Rg = 1 Ω
Ch 1
14
21
Ch 2
8
16
Rise Time
tr
Ch 1
11
20
Ch 2
10
20
Turn-Off Delay Time
td(off)
Ch 1
18
27
Ch 2
10
20
Fall Time
tf
Ch 1
7
14
Ch 2
7
14
Drain-Source Body Diode Characteristics
Continous Source-Drain Diode
Current
IS
TC = 25 °C
Ch 1
3
A
Ch 2
2.3
Pulse Diode Forward Currenta
ISM
Ch 1
50
Ch 2
30
Body Diode Voltage
VSD
IS = 7.6 A
Ch 1
0.82
1.2
V
IS = 5.5 A
Ch 2
0.85
1.2
Body Diode Reverse Recovery
Time
trr
Channel 1
IF = 7.7 A, dI/dt = 100 A/µs, TJ = 25 °C
Channel 2
IF = 5.5 A, dI/dt = 100 A/µs, TJ = 25 °C
Ch 1
20
30
ns
Ch 2
13
20
Body Diode Reverse Recovery
Charge
Qrr
Ch 1
12
20
nC
Ch 2
6
12
Reverse Recovery Fall Time
ta
Ch 1
11
ns
Ch 2
7
Reverse Recovery Rise Time
tb
Ch 1
9
Ch 2
6
SPECIFICATIONS TJ = 25 °C, unless otherwise noted


同様の部品番号 - SI4276DY-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
More results

同様の説明 - SI4276DY-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com