データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4288DY データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI4288DY
部品情報  Dual N-Channel 40 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4288DY データシート(HTML) 1 Page - Vishay Siliconix

  SI4288DY Datasheet HTML 1Page - Vishay Siliconix SI4288DY Datasheet HTML 2Page - Vishay Siliconix SI4288DY Datasheet HTML 3Page - Vishay Siliconix SI4288DY Datasheet HTML 4Page - Vishay Siliconix SI4288DY Datasheet HTML 5Page - Vishay Siliconix SI4288DY Datasheet HTML 6Page - Vishay Siliconix SI4288DY Datasheet HTML 7Page - Vishay Siliconix SI4288DY Datasheet HTML 8Page - Vishay Siliconix SI4288DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4288DY
Document Number: 67078
S10-2768-Rev. A, 29-Nov-10
www.vishay.com
1
Dual N-Channel 40 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFETPower MOSFET
100 % Rg and UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
CCFL Inverter
DC/DC Converter
HDD
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
40
0.020 at VGS = 10 V
9.2
4.9
0.023 at VGS = 4.5 V
8.6
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4288DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
N-Channel MOSFET
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 120 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
9.2
A
TC = 70 °C
7.4
TA = 25 °C
7.4b, c
TA = 70 °C
5.9b, c
Pulsed Drain Current (10 µs Pulse Width)
IDM
50
Source-Drain Current Diode Current
TC = 25 °C
IS
2.6
TA = 25 °C
1.6b, c
Pulsed Source-Drain Current
ISM
50
Single Pulse Avalanche Current
L = 0.1 mH
IAS
10
Single Pulse Avalanche Energy
EAS
5
Maximum Power Dissipation
TC = 25 °C
PD
3.1
W
TC = 70 °C
2
TA = 25 °C
2b, c
TA = 70 °C
1.28b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambientb, d
t
 10 s
RthJA
49
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJF
30
40


同様の部品番号 - SI4288DY

メーカー部品番号データシート部品情報
logo
Vishay Telefunken
SI4288DY TFUNK-SI4288DY Datasheet
261Kb / 10P
   Dual N-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4288DY VISHAY-SI4288DY Datasheet
192Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI4288DY VISHAY-SI4288DY_V01 Datasheet
192Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI4288DY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com