データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4500BDY データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI4500BDY
部品情報  Complementary MOSFET Half-Bridge (N- and P-Channel)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4500BDY データシート(HTML) 1 Page - Vishay Siliconix

  SI4500BDY_09 Datasheet HTML 1Page - Vishay Siliconix SI4500BDY_09 Datasheet HTML 2Page - Vishay Siliconix SI4500BDY_09 Datasheet HTML 3Page - Vishay Siliconix SI4500BDY_09 Datasheet HTML 4Page - Vishay Siliconix SI4500BDY_09 Datasheet HTML 5Page - Vishay Siliconix SI4500BDY_09 Datasheet HTML 6Page - Vishay Siliconix SI4500BDY_09 Datasheet HTML 7Page - Vishay Siliconix SI4500BDY_09 Datasheet HTML 8Page - Vishay Siliconix SI4500BDY_09 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si4500BDY
Document Number: 72281
S09-0705-Rev. D, 27-Apr-09
www.vishay.com
1
Complementary MOSFET Half-Bridge (N- and P-Channel)
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
N-Channel
20
0.020 at VGS = 4.5 V
9.1
0.030 at VGS = 2.5 V
7.5
P-Channel
- 20
0.060 at VGS = - 4.5 V
- 5.3
0.100 at VGS = - 2.5 V
- 4.1
S1
D
G1
D
S2
D
G2
D
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4500BDY-T1-E3 (Lead (Pb)-free)
Si4500BDY-T1-GE3 (Lead (Pb)-free and Halogen-free)
S2
G2
G1
S1
D
Notes:
a. Surface Mounted on FR4 board.
b. t
≤ 10 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
10 s
Steady State
10 s
Steady State
Drain-Source Voltage
VDS
20
- 20
V
Gate-Source Voltage
VGS
± 12
± 12
Continuous Drain Current (TJ = 150 °C)
a,b
TA = 25 °C
ID
9.1
6.6
- 5.3
- 3.8
A
TA = 70 °C
7.3
5.3
- 4.9
- 3.1
Pulsed Drain Current
IDM
30
- 20
Continuous Source Current (Diode Conduction)a,b
IS
2.1
1.1
- 2.1
- 1.1
Maximum Power Dissipationa,b
TA = 25 °C
PD
2.5
1.3
2.5
1.3
W
TA = 70 °C
1.6
0.8
1.6
0.8
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
40
50
41
50
°C/W
Steady State
75
95
75
95
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
20
22
23
26


同様の部品番号 - SI4500BDY_09

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4500BDY VISHAY-SI4500BDY_06 Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
More results

同様の説明 - SI4500BDY_09

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY Datasheet
65Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
14-Jun-04
SI3850ADV VISHAY-SI3850ADV_08 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI3850ADV VISHAY-SI3850ADV_09 Datasheet
214Kb / 13P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 12-Oct-09
SI4500BDY VISHAY-SI4500BDY_06 Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI4500DY VISHAY-SI4500DY Datasheet
106Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 26-Apr-99
SI3850ADV VISHAY-SI3850ADV_V01 Datasheet
120Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
01-Jan-2022
SI4501DY VISHAY-SI4501DY Datasheet
58Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 19-Jul-99
logo
Guangdong Kexin Industr...
KI4501ADY KEXIN-KI4501ADY Datasheet
57Kb / 2P
   Complementary (N- and P-Channel) MOSFET Half-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com