データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4620DY-T1-E3 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI4620DY-T1-E3
部品情報  N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4620DY-T1-E3 データシート(HTML) 1 Page - Vishay Siliconix

  SI4620DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4620DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4620DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4620DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4620DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4620DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4620DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4620DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4620DY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
Si4620DY
Document Number: 73862
S09-1341-Rev. D, 13-Jul-09
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET with Schottky Diode
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
LITTLE FOOT®
Plus Power MOSFET
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch for Portable Applications
- Ideal for Boost Circuits
HDD Driver
MOSFET PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
30
0.035 at VGS = 10 V
7.4
4.2 nC
0.052 at VGS = 4.5 V
6.1
SCHOTTKY PRODUCT SUMMARY
VKA (V)
VF (V)
Diode Forward Voltage
IF (A)
a
30
0.470 at 3 A
3
AK
AK
S
D
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4620DY-T1-E3 (Lead (Pb)-free)
Si4620DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
K
A
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage (MOSFET)
VDS
30
V
Reverse Voltage (Schottky)
VKA
30
Gate-Source Voltage (MOSFET)
VGS
± 20
Continuous Drain Current (TJ = 150 °C) (MOSFET)
TC = 25 °C
ID
7.5
A
TC = 70 °C
6
TA = 25 °C
6
TA = 70 °C
4.8
Pulsed Drain Current (MOSFET)
IDM
40
Continuous Source Current (MOSFET Diode Conduction)
TC = 25 °C
IS
2.6
TA = 25 °C
1.7a, b
Average Forward Current (Schottky)
IF
3
Pulsed Forward Current (Schottky)
IFM
8
Maximum Power Dissipation (MOSFET)
TC = 25 °C
PD
3.1
W
TC = 70 °C
2
TA = 25 °C
2a, b
TA = 70 °C
1.3a, b
Maximum Power Dissipation (Schottky)
TC = 25 °C
3
TC = 70 °C
1.9
TA = 25 °C
1.8
TA = 70 °C
1.1
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260


同様の部品番号 - SI4620DY-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Telefunken
SI4620DY TFUNK-SI4620DY Datasheet
287Kb / 13P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
More results

同様の説明 - SI4620DY-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com