データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4630DY-T1-E3 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI4630DY-T1-E3
部品情報  N-Channel 25-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4630DY-T1-E3 データシート(HTML) 1 Page - Vishay Siliconix

  SI4630DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4630DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4630DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4630DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4630DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4630DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4630DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4630DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4630DY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4630DY
Document Number: 73685
S09-0138-Rev. C, 02-Feb-09
www.vishay.com
1
N-Channel 25-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ)
25
0.0027 at VGS = 10 V
36
49 nC
0.0032 at VGS = 4.5 V
29
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 80 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
25
V
Gate-Source Voltage
VGS
± 16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
40
A
TC = 70 °C
32
TA = 25 °C
27b, c
TA = 70 °C
21b, c
Pulsed Drain Current
IDM
70
Continuous Source-Drain Diode Current
TC = 25 °C
IS
7.0
TA = 25 °C
3.0b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
30
Avalanche Energy
EAS
45
mJ
Maximum Power Dissipation
TC = 25 °C
PD
7.8
W
TC = 70 °C
5.0
TA = 25 °C
3.5b, c
TA = 70 °C
2.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
29
35
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
13
16
N-Channel MOSFET
G
D
S
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4630DY-T1-E3 (Lead (Pb)-free)
Si4630DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
FEATURES
Halogen-free According to IEC 61249-2-21
Available
•TrenchFET® Power MOSFET
100 % Rg Tested
APPLICATIONS
Synchronous Buck - Low Side
- Notebook
- Server
- Workstation
Synchronous Rectifier - POL


同様の部品番号 - SI4630DY-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Telefunken
SI4630DY TFUNK-SI4630DY Datasheet
242Kb / 10P
   N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4630DY VISHAY-SI4630DY Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4630DY VISHAY-SI4630DY Datasheet
173Kb / 9P
   N-Channel 25-V (D-S) MOSFET
01-Jan-2022
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4630DY VISHAY-SI4630DY_V01 Datasheet
173Kb / 9P
   N-Channel 25-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI4630DY-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 31-Mar-08
SUD50N025-06P VISHAY-SUD50N025-06P Datasheet
108Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 09-May-05
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 04-Apr-11
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SIDR140DP VISHAY-SIDR140DP Datasheet
194Kb / 8P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 27-Nov-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com