データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4936CDY データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI4936CDY
部品情報  Dual N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4936CDY データシート(HTML) 2 Page - Vishay Siliconix

  SI4936CDY Datasheet HTML 1Page - Vishay Siliconix SI4936CDY Datasheet HTML 2Page - Vishay Siliconix SI4936CDY Datasheet HTML 3Page - Vishay Siliconix SI4936CDY Datasheet HTML 4Page - Vishay Siliconix SI4936CDY Datasheet HTML 5Page - Vishay Siliconix SI4936CDY Datasheet HTML 6Page - Vishay Siliconix SI4936CDY Datasheet HTML 7Page - Vishay Siliconix SI4936CDY Datasheet HTML 8Page - Vishay Siliconix SI4936CDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 69097
S09-0390-Rev. C, 09-Mar-09
Vishay Siliconix
Si4936CDY
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
32
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
1.2
3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
15
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 5 A
0.033
0.040
Ω
VGS = 4.5 V, ID = 4.7 A
0.041
0.050
Forward Transconductancea
gfs
VDS = 10 V, ID = 5 A
15
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
325
pF
Output Capacitance
Coss
60
Reverse Transfer Capacitance
Crss
30
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 5 A
69
nC
VDS = 15 V, VGS = 4.5 V, ID = 5 A
2.8
4.2
Gate-Source Charge
Qgs
1.1
Gate-Drain Charge
Qgd
0.8
Gate Resistance
Rg
f = 1 MHz
0.6
2.8
5.6
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3.8 Ω
ID ≅ 4 A, VGEN = 4.5 V, Rg = 1 Ω
12
18
ns
Rise Time
tr
13
20
Turn-Off Delay Time
td(off)
16
25
Fall Time
tf
11
17
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3.8 Ω
ID ≅ 4 A, VGEN = 10 V, Rg = 1 Ω
48
Rise Time
tr
918
Turn-Off Delay Time
td(off)
11
20
Fall Time
tf
815
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
1.9
A
Pulse Diode Forward Current
ISM
20
Body Diode Voltage
VSD
IS = 4 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 4 A, dI/dt = 100 A/µs, TJ = 25 °C
11
20
ns
Body Diode Reverse Recovery Charge
Qrr
48
nC
Reverse Recovery Fall Time
ta
6
ns
Reverse Recovery Rise Time
tb
5


同様の部品番号 - SI4936CDY

メーカー部品番号データシート部品情報
logo
SHENZHEN DOINGTER SEMIC...
SI4936CDY DOINGTER-SI4936CDY Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4936CDY VISHAY-SI4936CDY Datasheet
197Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4936CDY-T1-E3 VBSEMI-SI4936CDY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936CDY-T1-GE3 VISHAY-SI4936CDY-T1-GE3 Datasheet
197Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI4936CDY VISHAY-SI4936CDY_V01 Datasheet
197Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI4936CDY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com