データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4946BEY-T1-GE3 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI4946BEY-T1-GE3
部品情報  Dual N-Channel 60-V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4946BEY-T1-GE3 データシート(HTML) 1 Page - Vishay Siliconix

  SI4946BEY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4946BEY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4946BEY
Document Number: 73411
S09-2434-Rev. C, 16-Nov-09
www.vishay.com
1
Dual N-Channel 60-V (D-S) 175 °C MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
175 °C Maximum Junction Temperature
100 % Rg Tested
Compliant to RoHS directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
60
0.041 at VGS = 10 V
6.5
9.2 nC
0.052 at VGS = 4.5 V
5.8
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4946BEY-T1-E3 (Lead (Pb)-free)
Si4946BEY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
d. Maximum under Steady State conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
6.5
A
TC = 70 °C
5.5
TA = 25 °C
5.3a, b
TA = 70 °C
4.4a, b
Pulsed Drain Current
IDM
30
Continuous Source Drain Diode Current
TC = 25 °C
IS
3.1
TA = 25 °C
2a, b
Avalanche Current
L = 0 1 mH
IAS
12
Single-Pulse Avalanche Energy
EAS
7.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.7
W
TC = 70 °C
2.6
TA = 25 °C
2.4a, b
TA = 70 °C
1.7a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t
≤ 10 s
RthJA
50
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
33
41


同様の部品番号 - SI4946BEY-T1-GE3

メーカー部品番号データシート部品情報
logo
TECH PUBLIC Electronics...
SI4946BEY-T1-GE3 TECHPUBLIC-SI4946BEY-T1-GE3 Datasheet
3Mb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
More results

同様の説明 - SI4946BEY-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4946BEY VISHAY-SI4946BEY Datasheet
126Kb / 7P
   Dual N-Channel 60-V (D-S) 175 C MOSFET
Rev. A, 23-May-05
SI9945AEY VISHAY-SI9945AEY Datasheet
59Kb / 4P
   Dual N-Channel 60-V (D-S), 175C MOSFET
Rev. C, 24-Feb-98
logo
VBsemi Electronics Co.,...
TSM4946DCSRLG VBSEMI-TSM4946DCSRLG Datasheet
2Mb / 9P
   Dual N-Channel 60 V (D-S) 175 °C MOSFET
VBA3638 VBSEMI-VBA3638_V01 Datasheet
714Kb / 9P
   Dual N-Channel 60 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM75N06-09L VISHAY-SUM75N06-09L_08 Datasheet
110Kb / 6P
   N-Channel 60-V (D-S), 175 °C MOSFET
Rev. B, 11-Feb-08
SUM110N06-3M4L VISHAY-SUM110N06-3M4L_08 Datasheet
118Kb / 6P
   N-Channel 60-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SQJ960EP VISHAY-SQJ960EP Datasheet
159Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Sep-12
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Jan-13
SQJ968EP VISHAY-SQJ968EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_V02 Datasheet
212Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com