データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5908DC-T1-GE3 データシート(PDF) 7 Page - Vishay Siliconix

部品番号 SI5908DC-T1-GE3
部品情報  Dual N-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5908DC-T1-GE3 データシート(HTML) 7 Page - Vishay Siliconix

Back Button SI5908DC-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN812
Vishay Siliconix
Document Number: 71127
12-Dec-03
www.vishay.com
1
Dual-Channel 1206-8 ChipFETr Power MOSFET Recommended
Pad Pattern and Thermal Performance
INTRODUCTION
New Vishay Siliconix ChipFETs in the leadless 1206-8
package feature the same outline as popular 1206-8 resistors
and capacitors but provide all the performance of true power
semiconductor devices. The 1206-8 ChipFET has the same
footprint as the body of the LITTLE FOOTR TSOP-6, and can
be thought of as a leadless TSOP-6 for purposes of visualizing
board area, but its thermal performance bears comparison
with the much larger SO-8.
This technical note discusses the dual ChipFET 1206-8
pin-out, package outline, pad patterns, evaluation board
layout, and thermal performance.
PIN-OUT
Figure 1 shows the pin-out description and Pin 1 identification
for the dual-channel 1206-8 ChipFET device. The pin-out is
similar to the TSOP-6 configuration, with two additional drain
pins to enhance power dissipation and thus thermal
performance. The legs of the device are very short, again
helping to reduce the thermal path to the external heatsink/pcb
and allowing a larger die to be fitted in the device if necessary.
FIGURE 1.
Dual 1206-8 ChipFET
S1
G1
S2
D1
D1
D2
G2
D2
For package dimensions see the 1206-8 ChipFET package
outline drawing (http://www.vishay.com/doc?71151).
BASIC PAD PATTERNS
The basic pad layout with dimensions is shown in Application
Note 826, Recommended Minimum Pad Patterns With Outline
Drawing
Access
for
Vishay Siliconix
MOSFETs,
(http://www.vishay.com/doc?72286). This is sufficient for low
power dissipation MOSFET applications, but power
semiconductor performance requires a greater copper pad
area, particularly for the drain leads.
FIGURE 2.
Footprint With Copper Spreading
80 mil
43 mil
10 mil
26 mil
18 mil
25 mil
The pad pattern with copper spreading shown in Figure 2
improves the thermal area of the drain connections (pins 5 and
6, pins 7 and 8) while remaining within the confines of the basic
footprint. The drain copper area is 0.0019 sq. in. or
1.22 sq. mm. This will assist the power dissipation path away
from the device (through the copper leadframe) and into the
board and exterior chassis (if applicable) for the dual device.
The addition of a further copper area and/or the addition of vias
to other board layers will enhance the performance still further.
An example of this method is implemented on the Vishay
Siliconix Evaluation Board described in the next section
(Figure 3).
THE VISHAY SILICONIX EVALUATION
BOARD FOR THE DUAL 1206-8
The dual ChipFET 1206-08 evaluation board measures 0.6 in
by 0.5 in. Its copper pad pattern consists of an increased pad
area around each of the two drain leads on the top-side—
approximately 0.0246 sq. in. or 15.87 sq. mm—and vias
added through to the underside of the board, again with a
maximized copper pad area of approximately the board-size
dimensions, split into two for each of the drains. The outer
package outline is for the 8-pin DIP, which will allow test
sockets to be used to assist in testing.
The thermal performance of the 1206-8 on this board has been
measured with the results following on the next page. The
testing included comparison with the minimum recommended
footprint on the evaluation board-size pcb and the industry
standard one-inch square FR4 pcb with copper on both sides
of the board.


同様の部品番号 - SI5908DC-T1-GE3

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
SI5908DC-T1-GE3 VBSEMI-SI5908DC-T1-GE3 Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
More results

同様の説明 - SI5908DC-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com