データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI6562CDQ データシート(PDF) 11 Page - Vishay Siliconix

部品番号 SI6562CDQ
部品情報  N- and P-Channel 20-V (D-S) MOSFETs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6562CDQ データシート(HTML) 11 Page - Vishay Siliconix

Back Button SI6562CDQ Datasheet HTML 7Page - Vishay Siliconix SI6562CDQ Datasheet HTML 8Page - Vishay Siliconix SI6562CDQ Datasheet HTML 9Page - Vishay Siliconix SI6562CDQ Datasheet HTML 10Page - Vishay Siliconix SI6562CDQ Datasheet HTML 11Page - Vishay Siliconix SI6562CDQ Datasheet HTML 12Page - Vishay Siliconix SI6562CDQ Datasheet HTML 13Page - Vishay Siliconix SI6562CDQ Datasheet HTML 14Page - Vishay Siliconix SI6562CDQ Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Document Number: 68954
S-82575-Rev. A, 27-Oct-08
www.vishay.com
11
Vishay Siliconix
Si6562CDQ
New Product
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?68954.
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.2
0.1
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA =145 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Single Pulse
0.02
0.05
10-3
10-2
1
10
1000
10-1
10-4
100
Square WavePulse Duration (s)
0.1
0.01
1
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10-4
0.2
0.1
Duty Cycle = 0.5
Square WavePulse Duration (s)
1
0.1
0.01
0.05
0.02
Single Pulse


同様の部品番号 - SI6562CDQ

メーカー部品番号データシート部品情報
logo
Vishay Telefunken
SI6562CDQ TFUNK-SI6562CDQ Datasheet
250Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
logo
Vishay Siliconix
SI6562CDQ VISHAY-SI6562CDQ Datasheet
253Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SI6562CDQ VISHAY-SI6562CDQ_V01 Datasheet
253Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
01-Jan-2022
More results

同様の説明 - SI6562CDQ

メーカー部品番号データシート部品情報
logo
Vishay Telefunken
SI6562CDQ TFUNK-SI6562CDQ Datasheet
250Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
logo
VBsemi Electronics Co.,...
VBA5213 VBSEMI-VBA5213 Datasheet
611Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFETs
VBA5206 VBSEMI-VBA5206 Datasheet
958Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFETs
logo
Vishay Siliconix
SI6562CDQ VISHAY-SI6562CDQ_V01 Datasheet
253Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SIA778DJ VISHAY-SIA778DJ Datasheet
158Kb / 12P
   N-Channel 12 V and 20 V (D-S) MOSFETs
Rev. A, 11-Jan-10
TN0200T VISHAY-TN0200T Datasheet
66Kb / 4P
   N-Channel 20-V (D-S) MOSFETs
Rev. F, 23-Feb-04
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SIZ710DT VISHAY-SIZ710DT Datasheet
175Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. A, 04-Oct-10
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
logo
Vishay Telefunken
SIZ710DT TFUNK-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com