データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si7106DN-T1-GE3 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 Si7106DN-T1-GE3
部品情報  N-Channel 20-V (D-S) Fast Switching MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si7106DN-T1-GE3 データシート(HTML) 2 Page - Vishay Siliconix

  Si7106DN-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix Si7106DN-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix Si7106DN-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix Si7106DN-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix Si7106DN-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix Si7106DN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 73142
S-81529-Rev. E, 30-Jun-08
Vishay Siliconix
Si7106DN
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
MOSFET SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.6
1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
40
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 19.5 A
0.0051
0.0062
Ω
VGS = 2.5 V, ID = 15.5 A
0.0081
0.0098
Forward Transconductancea
gfs
VDS = 15 V, ID = 19.5 A
105
S
Diode Forward Voltagea
VSD
IS = 3.2 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 19.5 A
17.5
27
nC
Gate-Source Charge
Qgs
6.6
Gate-Drain Charge
Qgd
2.8
Gate Resistance
Rg
f = 1 MHz
0.7
1.4
2.1
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 10 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
25
40
ns
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
50
75
Fall Time
tf
12
20
Source-Drain Reverse Recovery Time
trr
IF = 3.2 A, dI/dt = 100 A/µs
30
60
Output Characteristics
0
12
24
36
48
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 10 thru 2.5 V
1.5 V
VDS - Drain-to-Source Voltage (V)
2 V
Transfer Characteristics
0
12
24
36
48
60
0.0
0.5
1.0
1.5
2.0
2.5
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)


同様の部品番号 - Si7106DN-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7106DN VISHAY-SI7106DN Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
18-Jul-08
SI7106DN VISHAY-SI7106DN_V01 Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
18-Jul-08
More results

同様の説明 - Si7106DN-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7458DP VISHAY-SI7458DP Datasheet
51Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. A, 04-Mar-02
SI7110DN VISHAY-SI7110DN Datasheet
534Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7448DP VISHAY-SI7448DP Datasheet
42Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. B, 18-Aug-03
SISH106DN VISHAY-SISH106DN Datasheet
189Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7106DN VISHAY-SI7106DN_V01 Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
18-Jul-08
SI7108DN-T1-E3 VISHAY-SI7108DN-T1-E3 Datasheet
536Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7108DN VISHAY-SI7108DN_V01 Datasheet
531Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7110DN VISHAY-SI7110DN_V01 Datasheet
533Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7448DP VISHAY-SI7448DP_V01 Datasheet
216Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7108DN VISHAY-SI7108DN Datasheet
107Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com