データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI7220DN-T1-E3 データシート(PDF) 5 Page - Vishay Siliconix

部品番号 SI7220DN-T1-E3
部品情報  Dual N-Channel 60-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7220DN-T1-E3 データシート(HTML) 5 Page - Vishay Siliconix

  SI7220DN-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 73117
S-83052-Rev. C, 29-Dec-08
www.vishay.com
5
Vishay Siliconix
Si7220DN
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Notes:
The minimum creepage between D1 and D2 for this 100 V device is 0.2 mm. Please see PowerPAK 1212-8 outline drawing, document # 71656,
for more information.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?73117.
Normalized Thermal Transient Impedance, Junction-to-Case
1
0.2
0.1
10-3
10-2
10-1
10-4
2
1
0.1
0.01
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.02


同様の部品番号 - SI7220DN-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7220DN VISHAY-SI7220DN Datasheet
70Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
Vishay Telefunken
SI7220DN TFUNK-SI7220DN Datasheet
555Kb / 12P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7220DN VISHAY-SI7220DN Datasheet
558Kb / 12P
   Dual N-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7220DN VISHAY-SI7220DN_V01 Datasheet
558Kb / 12P
   Dual N-Channel 60-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI7220DN-T1-E3

メーカー部品番号データシート部品情報
logo
Analog Power
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 02-Mar-09
logo
VBsemi Electronics Co.,...
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
435YW VBSEMI-435YW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SIS9634LDN VISHAY-SIS9634LDN Datasheet
209Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 26-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com