データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI7960DP-T1-GE3 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI7960DP-T1-GE3
部品情報  Dual N-Channel 60-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7960DP-T1-GE3 データシート(HTML) 2 Page - Vishay Siliconix

  SI7960DP-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7960DP-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 73075
S09-0223-Rev. B, 09-Feb-09
Vishay Siliconix
Si7960DP
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1
3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 9.7 A
0.017
0.021
Ω
VGS = 4.5 V, ID = 8.9 A
0.020
0.025
Forward Transconductancea
gfs
VDS = 15 V, ID = 9.7 A
33
S
Diode Forward Voltagea
VSD
IS = 2.9 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 9.7 A
49
75
nC
Gate-Source Charge
Qgs
5.7
Gate-Drain Charge
Qgd
8.6
Gate Resistance
Rg
f = 1 MHz
2
Ω
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 30 Ω
ID ≅ 1 A, VGEN = 10 V, RG = 6 Ω
12
20
ns
Rise Time
tr
12
20
Turn-Off Delay Time
td(off)
60
90
Fall Time
tf
17
30
Source-Drain Reverse Recovery Time
trr
IF = 2.9 A, dI/dt = 100 A/µs
30
60
Output Characteristics
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 10 V thru 4 V
VDS - Drain-to-Source Voltage (V)
3V
Transfer Characteristics
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)


同様の部品番号 - SI7960DP-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7960DP VISHAY-SI7960DP Datasheet
348Kb / 13P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 09-Feb-09
SI7960DP VISHAY-SI7960DP_15 Datasheet
348Kb / 13P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 09-Feb-09
More results

同様の説明 - SI7960DP-T1-GE3

メーカー部品番号データシート部品情報
logo
Analog Power
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 02-Mar-09
logo
VBsemi Electronics Co.,...
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
435YW VBSEMI-435YW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SIS9634LDN VISHAY-SIS9634LDN Datasheet
209Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 26-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com