データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI7980DP-T1-GE3 データシート(PDF) 5 Page - Vishay Siliconix

部品番号 SI7980DP-T1-GE3
部品情報  Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7980DP-T1-GE3 データシート(HTML) 5 Page - Vishay Siliconix

  SI7980DP-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI7980DP-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7980DP-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7980DP-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7980DP-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7980DP-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7980DP-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7980DP-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7980DP-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Document Number: 68391
S-83039-Rev. C, 29-Dec-08
www.vishay.com
5
Vishay Siliconix
Si7980DP
CHANNEL-1 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD - Source-to-DrainVoltage(V)
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
- 0.8
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
I
D = 250 mA
T
J - Temperature (°C)
I
D =5mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.000
0.012
0.024
0.036
0.048
0.060
0
246
8
10
VGS - Gate-to-Source Voltage (V)
T
J = 25 °C
T
J = 125 °C
I
D =5A
0
12
24
36
48
60
0
1
1
1
0
0
.
0
0.01
Time (s)
0.1
Safe Operating Area, Junction-to-Ambient
V
DS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
T
A = 25 °C
Single Pulse
10 ms
100 ms
1s
10 s
DC
Limited byR
DS(on)*
BVDSS
Limited
1ms


同様の部品番号 - SI7980DP-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7980DP VISHAY-SI7980DP Datasheet
345Kb / 18P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI7980DP VISHAY-SI7980DP_V01 Datasheet
345Kb / 18P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

同様の説明 - SI7980DP-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4340DDY VISHAY-SI4340DDY Datasheet
230Kb / 15P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. A, 02-Mar-11
SI4340DY VISHAY-SI4340DY_V01 Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4340DY VISHAY-SI4340DY Datasheet
102Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 15-Sep-03
SI7980DP VISHAY-SI7980DP_V01 Datasheet
345Kb / 18P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4340CDY VISHAY-SI4340CDY Datasheet
154Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 07-Jul-08
SI4340CDY VISHAY-SI4340CDY_V01 Datasheet
1Mb / 12P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
Analog Power
AM3826N ANALOGPOWER-AM3826N Datasheet
286Kb / 5P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SI3812DV VISHAY-SI3812DV_08 Datasheet
111Kb / 7P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. E, 18-Aug-03
SI5858DU VISHAY-SI5858DU Datasheet
126Kb / 10P
   N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 23-Jun-08
SI3812DV VISHAY-SI3812DV Datasheet
52Kb / 6P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. D, 16-Apr-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com