データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI9986CY-T1 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI9986CY-T1
部品情報  Buffered H-Bridge
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9986CY-T1 データシート(HTML) 2 Page - Vishay Siliconix

  SI9986CY-T1 Datasheet HTML 1Page - Vishay Siliconix SI9986CY-T1 Datasheet HTML 2Page - Vishay Siliconix SI9986CY-T1 Datasheet HTML 3Page - Vishay Siliconix SI9986CY-T1 Datasheet HTML 4Page - Vishay Siliconix SI9986CY-T1 Datasheet HTML 5Page - Vishay Siliconix SI9986CY-T1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 70007
S-72211-Rev. F, 22-Oct-07
Vishay Siliconix
Si9986
Notes:
a. Device Mounted with all leads soldered or welded to PC board.
b. Derate 10 mW/°C above 25 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
ABSOLUTE MAXIMUM RATINGSa
Parameter
Limit
Unit
Voltage on any Pin with Respect to Ground
- 0.3 to VDD + 0.3
V
Voltage on Pins 5, 8 with Respect to GND
- 1 to VDD + 1
Voltage on Pins 1, 4
- 0.3 to GND + 1
Peak Output Current
1.5
A
Storage Temperature
- 65 to 150
°C
Maximum Junction Temperature (TJ)
150
Maximum VDD
15
V
Power Dissipationb
1W
Θ
JA
100
°C/W
Operating Temperature Range
Si9986CY
0 to 70
°C
Si9986DY
- 45 to 85
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
VDD
3.8 to 13.2
V
Maximum Junction Temperature (TJ)
125
°C
SPECIFICATIONS
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
VDD = 3.8 to 13.2 V
SA at GND, SB at GND
Limits
C Suffix, 0 to 70 °C
D Suffix, - 40 to 85 °C
Unit
Mina
Typb
Maxa
Input
Input Voltage High
VINH
2
V
Input Voltage Low
VINL
1
Input Current with Input Voltage High
IINH
VIN = 2 V
1
µA
Input Current with Input Voltage Low
IINL
VIN = 0 V
- 1
Output
Output Voltage High
VOUTH
IOUT = - 500 mA
VDD = 10.8 V
10.5
10.7
V
VDD = 4.5 V
4.1
4.3
IOUT = - 300 mA, VDD = 3.8 V
3.4
3.7
Output Voltage Low
VOUTL
IOUT = 500 mA
VDD = 10.8 V
0.2
0.3
VDD = 4.5 V
0.2
0.4
IOUT = 300 mA, VDD = 3.8 V
0.1
0.4
Output Leakage Current High
IOLH
INA = INB ≥ 2 V, VOUT = VDD = 13.2 V
- 10
0
µA
Output Leakage Current Low
IOLL
VOUT = 0, VDD = 13.2 V
0
10
Output V Clamp High
VCLH
INA = INB ≥ 2 V
IOUT = 100 mA
VDD + 0.7
V
Output V Clamp Low
VCLL
IOUT = - 100 mA
- 0.7
Supply
VDD Supply Current
IDD
IN = 100 kHz, VDD = 5 V
2
mA
INA = INB = 4.5 V, VDD = 5.5 V
300
µA
Dynamic
Propogation Delay Time
TPLH
VDD = 5 V
300
nS
TPHL
100


同様の部品番号 - SI9986CY-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9986CY-T1 VISHAY-SI9986CY-T1 Datasheet
43Kb / 4P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9986CY-T1 VISHAY-SI9986CY-T1 Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9986CY-T1-E3 VISHAY-SI9986CY-T1-E3 Datasheet
43Kb / 4P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9986CY-T1-E3 VISHAY-SI9986CY-T1-E3 Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
More results

同様の説明 - SI9986CY-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9987 VISHAY-SI9987 Datasheet
85Kb / 5P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9987CY-T1 VISHAY-SI9987CY-T1 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9988 VISHAY-SI9988_04 Datasheet
129Kb / 8P
   Buffered H-Bridge
Rev. B, 19-Apr-04
SI9986 VISHAY-SI9986_05 Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9987DY-T1-E3 VISHAY-SI9987DY-T1-E3 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9986 VISHAY-SI9986 Datasheet
43Kb / 4P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9988 VISHAY-SI9988 Datasheet
35Kb / 5P
   Buffered H-Bridge
Rev. A, 09-Oct-00
SI9986 VISHAY-SI9986_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9987 VISHAY-SI9987_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9988 VISHAY-SI9988_V01 Datasheet
143Kb / 7P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com