データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIA414DJ データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SIA414DJ
部品情報  N-Channel 8-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA414DJ データシート(HTML) 1 Page - Vishay Siliconix

  SIA414DJ Datasheet HTML 1Page - Vishay Siliconix SIA414DJ Datasheet HTML 2Page - Vishay Siliconix SIA414DJ Datasheet HTML 3Page - Vishay Siliconix SIA414DJ Datasheet HTML 4Page - Vishay Siliconix SIA414DJ Datasheet HTML 5Page - Vishay Siliconix SIA414DJ Datasheet HTML 6Page - Vishay Siliconix SIA414DJ Datasheet HTML 7Page - Vishay Siliconix SIA414DJ Datasheet HTML 8Page - Vishay Siliconix SIA414DJ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
SiA414DJ
New Product
Document Number: 73954
S-80435-Rev. B, 03-Mar-08
www.vishay.com
1
N-Channel 8-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Power MOSFET
New Thermally Enhanced PowerPAK®
SC-70 Package
- Small Footprint Area
APPLICATIONS
Load Switch for Portable Applications
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
8
0.011 at VGS = 4.5 V
12
19 nC
0.013 at VGS = 2.5 V
12
0.016 at VGS = 1.8 V
12
0.022 at VGS = 1.5 V
12
0.041 at VGS = 1.2 V
12
Marking Code
X X X
A C X
Lot Traceability
and Date code
Part # code
Ordering Information: SiA414DJ-T1-GE3 (Lead (Pb)-free and Halogen-free)
PowerPAK SC-70-6L-Single
6
5
4
1
2
3
D
D
D
D
G
S
S
2.05 mm
2.05 mm
N-Channel MOSFET
G
D
S
Notes:
a. Package limited
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. See Solder Profile (http://www.vishay.com/ppg?73257). The PowerPAK SC-70 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 80 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
8
V
Gate-Source Voltage
VGS
± 5
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
12a
A
TC = 70 °C
12a
TA = 25 °C
12a, b, c
TA = 70 °C
11.6b, c
Pulsed Drain Current
IDM
40
Continuous Source-Drain Diode Current
TC = 25 °C
IS
12a
TA = 25 °C
2.9b, c
Maximum Power Dissipation
TC = 25 °C
PD
19
W
TC = 70 °C
12
TA = 25 °C
3.5b, c
TA = 70 °C
2.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 5 s
RthJA
28
36
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
5.3
6.5
RoHS
COMPLIANT


同様の部品番号 - SIA414DJ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIA414DJ VISHAY-SIA414DJ Datasheet
235Kb / 3P
   Dual N-Channel 8-V (D-S) MOSFET
Rev. A, 06-Aug-07
SIA414DJ VISHAY-SIA414DJ_V01 Datasheet
211Kb / 9P
   N-Channel 8-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SIA414DJ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI1050X VISHAY-SI1050X_08 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com