データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIA444DJT-T1-GE3 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SIA444DJT-T1-GE3
部品情報  N-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA444DJT-T1-GE3 データシート(HTML) 1 Page - Vishay Siliconix

  SIA444DJT-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIA444DJT-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIA444DJT-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIA444DJT-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIA444DJT-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIA444DJT-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIA444DJT-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIA444DJT-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
SiA444DJT
New Product
Document Number: 67056
S11-1655-Rev. C, 15-Aug-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 30 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
New Thermally Enhanced PowerPAK®
SC-70 Package
- Small Footprint Area
- Ultra-Thin 0.6 mm height
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
DC/DC Converter
High Frequency Switching
Notes:
a. Package limited
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. See solder profile (www.vishay.com/ppg?73257). The Thin PowerPAK SC-70 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 80 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
Qg (Typ.)
30
0.017 at VGS = 10 V
12
5 nC
0.022 at VGS = 4.5 V
12
Marking Code
X X X
A M X
Lot Traceability
and Date code
Part # code
Ordering Information:
SiA444DJT-T1-GE3 (Lead (Pb)-free and Halogen-free)
Thin PowerPAK SC-70-6L-Single
2.05 mm
2.05 mm
0.6 mm
6
5
4
D
D
S
3
2
1
G
D
D
S
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
12a
A
TC = 70 °C
12a
TA = 25 °C
11a, b, c
TA = 70 °C
8.8b, c
Pulsed Drain Current (t = 300 µs)
IDM
40
Continuous Source-Drain Diode Current
TC = 25 °C
IS
12a
TA = 25 °C
2.9b, c
Maximum Power Dissipation
TC = 25 °C
PD
19
W
TC = 70 °C
12
TA = 25 °C
3.5b, c
TA = 70 °C
2.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
 5 s
RthJA
28
36
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
5.3
6.5


同様の部品番号 - SIA444DJT-T1-GE3

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
SIA444DJT-T1-GE3 VBSEMI-SIA444DJT-T1-GE3 Datasheet
1Mb / 10P
   N-Channel 30 V (D-S) MOSFET
More results

同様の説明 - SIA444DJT-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com