データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD7S019-65DBQR データシート(PDF) 2 Page - Texas Instruments

部品番号 TPD7S019-65DBQR
部品情報  7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD7S019-65DBQR データシート(HTML) 2 Page - Texas Instruments

  TPD7S019-65DBQR Datasheet HTML 1Page - Texas Instruments TPD7S019-65DBQR Datasheet HTML 2Page - Texas Instruments TPD7S019-65DBQR Datasheet HTML 3Page - Texas Instruments TPD7S019-65DBQR Datasheet HTML 4Page - Texas Instruments TPD7S019-65DBQR Datasheet HTML 5Page - Texas Instruments TPD7S019-65DBQR Datasheet HTML 6Page - Texas Instruments TPD7S019-65DBQR Datasheet HTML 7Page - Texas Instruments TPD7S019-65DBQR Datasheet HTML 8Page - Texas Instruments TPD7S019-65DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
VCC_VIDEO
VSYNC
VCC_DDC
BYP
GND
VIDEO1
DDC_IN1
DDC_IN2
DDC_OUT1
DDC_OUT2
VIDEO2
VIDEO3
SYNC_IN1
SYNC_OUT1
SYNC_IN2
SYNC_OUT2
RT
RT
TPD7S019
SLLSE33 – AUGUST 2010
www.ti.com
TERMINATION AT
PITCH
LENGTH (TYP)
WIDTH (TYP)
HEIGHT (MAX)
ORDERABLE PART NO.
SYNC
15-
Ω
TPD7S019-15DBQR
55-
Ω
0.635 mm
4.9 mm
6.0 mm
1.75 mm
TPD7S019-55DBQR
65-
Ω
TPD7S019-65DBQR
15-
Ω
0.4 mm
2.6 mm
1.8 mm
0.55 mm
TPD7S019-15RSVR
DESCRIPTION/ORDERING INFORMATION
The TPD7S019 is an integrated 7-channel ESD solution for the VGA or DVI-I port connector. This device
integrates ESD protection for all signals, level shifting for the DDC signals and buffering for the SYNC signals.
Three individual supply lines control the power rails of the VIDEO, DDC and SYNC channels to facilitate
interfacing with low voltage video controller ICs in mixed supply-voltage environments.
Two non-inverting drivers provide buffering for the HSYNC and VSYNC signals from the video controller IC
(SYNC1, SYNC2). These buffers accept TTL input levels and convert them to CMOS output levels that swing
between Ground and VCC_SYNC, which is typically 5 V. Additionally, each driver has a series termination
resistor (RT) connected to the SYNC_OUT pin, eliminating the external termination resistors typically required for
the HSYNC and VSYNC lines of the video cable. At the SYNC output the TPD7S019 offers 65-
Ω, 55-Ω, or 15-Ω
series termination resistor option to match different transmission line impedances.
Two N-channel MOSFETs provide the level shifting function required when the DDC controller is operated at a
lower supply voltage than the monitor. The gate terminals for the MOSFETs (VCC_DDC) should be connected to
the supply rail (typically 3.3 V) that supplies power to the transceivers of the DDC controller.
The TPD7S019 confirms the IEC61000-4-2 (Level 4) system level ESD protection and ±15KV HBM ESD
protection. This device is offered in space-saving 16-pin DBQ and 16-pin RSV packages.
The TPD7S019 is characterized for operation over ambient air temperature of –40°C to 85°C.
CIRCUIT DIAGRAM
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPD7S019


同様の部品番号 - TPD7S019-65DBQR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD7S019-65DBQR TI-TPD7S019-65DBQR Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
More results

同様の説明 - TPD7S019-65DBQR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD7S019 TI-TPD7S019 Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI1-TPD7S019_14 Datasheet
1Mb / 18P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI1-TPD7S019_15 Datasheet
1Mb / 21P
[Old version datasheet]   7-Channel Integrated ESD Solution for VGA Port
logo
Unisonic Technologies
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
logo
NXP Semiconductors
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
IP4776CZ38 NXP-IP4776CZ38 Datasheet
114Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 04-12 June 2007
IP4776CZ38 NXP-IP4776CZ38_11 Datasheet
167Kb / 15P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 6-7 January 2011
IP4770CZ16 NXP-IP4770CZ16 Datasheet
73Kb / 11P
   VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
IP4770CZ16 PHILIPS-IP4770CZ16 Datasheet
66Kb / 11P
   VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com