データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIP12401DMP-T1-E3 データシート(PDF) 3 Page - Vishay Siliconix

部品番号 SIP12401DMP-T1-E3
部品情報  Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12401DMP-T1-E3 データシート(HTML) 3 Page - Vishay Siliconix

  SIP12401DMP-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SIP12401DMP-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SIP12401DMP-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SIP12401DMP-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SIP12401DMP-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SIP12401DMP-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SIP12401DMP-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 73193
S-71822-Rev. C, 03-Sep-07
www.vishay.com
3
Vishay Siliconix
SiP12401
PIN CONFIGURATION AND TRUTH TABLE
PIN FUNCTIONS
XSHD (Pin 1)
XSHD is the logic controlled shutdown input pin. When
XSHD is low, the IC is shutdown and it’s quiescent current is
less than 1 µA. When XSHD is high, the IC is working in
normal operation.
VIN (Pin 2)
VIN is the pin connected to battery input voltage. The IC gets
its power supply from VIN.
FB (Pin 3)
FB is the feedback pin of the output voltage via resistor
divider. FB is about 0.3 V and its difference from 0.3 V
reference voltage is amplified by the error amplifier.
AGND (Pin 4)
AGND is the pin for ground of controlling circuit.
PGND (Pin 5)
PGND is the pin for ground of the internal power MOS driver.
EXT (Pin 6)
EXT is the output pin of internal driver. It’s connected to the
gate of external power MOSFET.
FB
AGND
2
3
6
5
4
1
PowerPAK MLP33-6
Top View
VIN
XSHD
PGND
EXT
ORDERING INFORMATION
Part Number
Temperature Range
Marking
SiP12401DMP-T1-E3
- 40 to 85 °C
2401
PIN DESCRIPTION
Pin Number
Name
Function
1
XSDH
Logic Controlled Shutdown Input, XSHD = High: Normal Operation, XSHD = Low: Shutdown
2
VIN
Battery Input Voltage
3
FB
Output Voltage Feedback Pin
4
AGND
Signal Ground
5
PGND
Power Ground
6
EXT
Drive Pin for External Power MOS


同様の部品番号 - SIP12401DMP-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SIP12101DH-T1 VISHAY-SIP12101DH-T1 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
SIP12107 VISHAY-SIP12107 Datasheet
911Kb / 20P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12107 VISHAY-SIP12107 Datasheet
4Mb / 12P
   microBUCK® Highly Integrated Synchronous Buck Regulators
More results

同様の説明 - SIP12401DMP-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
   Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
Rev. B, 03-Aug-09
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
   White/Blue LED Driver for Li-Ion Battery Application
logo
ADDtek Corp
AMC7110 ADDTEK-AMC7110 Datasheet
199Kb / 10P
   WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Rohm
BD99958GW ROHM-BD99958GW Datasheet
8Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
logo
Vishay Siliconix
SI9168 VISHAY-SI9168 Datasheet
122Kb / 10P
   Synchronous Buck or Boost Controller for 2-Cell Li Battery Operated Portable Communication Devices
Rev. A, 10-Jan--00
logo
Taiwan Memory Technolog...
T63H0008A TMT-T63H0008A Datasheet
341Kb / 20P
   Li-Ion/Polymer Battery for one-cell Protector
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com