データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIP12501 データシート(PDF) 5 Page - Vishay Siliconix

部品番号 SIP12501
部品情報  Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12501 データシート(HTML) 5 Page - Vishay Siliconix

  SIP12501 Datasheet HTML 1Page - Vishay Siliconix SIP12501 Datasheet HTML 2Page - Vishay Siliconix SIP12501 Datasheet HTML 3Page - Vishay Siliconix SIP12501 Datasheet HTML 4Page - Vishay Siliconix SIP12501 Datasheet HTML 5Page - Vishay Siliconix SIP12501 Datasheet HTML 6Page - Vishay Siliconix SIP12501 Datasheet HTML 7Page - Vishay Siliconix SIP12501 Datasheet HTML 8Page - Vishay Siliconix SIP12501 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 73192
S09-1455-Rev. B, 03-Aug-09
www.vishay.com
5
Vishay Siliconix
SiP12501
TYPICAL CHARACTERISTICS
Maximum PWM Duty Cycle vs. Temperature
Feedback Voltage vs. Temperature
80
81
82
83
84
85
86
87
88
89
90
- 50
- 30
- 10
1030
507090
Temperature (°C)
-4
-3
-2
-1
0
1
2
3
4
-50
- 30
-10
10
30
50
70
90
VOUT = 3.9 V
Temperature (°C)
Supply Current vs. Temperature
Shutdown Threshold vs. Temperature
0.140
0.142
0.144
0.146
0.148
0.150
0.152
0.154
0.156
0.158
0.160
-50
- 30
-10
10
30
50
70
90
Temperature (°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-50
- 30
-10
10
30
50
70
90
Temperature (°C)
VIN = 5 V
VIN = 2 V
VIN = 0.8 V


同様の部品番号 - SIP12501

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12502DMP-20-E3 VISHAY-SIP12502DMP-20-E3 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12502DMP-33-E3 VISHAY-SIP12502DMP-33-E3 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12502DMP-50-E3 VISHAY-SIP12502DMP-50-E3 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
More results

同様の説明 - SIP12501

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIP12401 VISHAY-SIP12401 Datasheet
154Kb / 7P
   Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
Rev. C, 03-Sep-07
logo
Recom International Pow...
R-REF02-78S RECOM-R-REF02-78S Datasheet
486Kb / 3P
   3.3V from a single AA battery (boost converter)
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12506 VISHAY-SIP12506 Datasheet
202Kb / 11P
   1-MHz Boost Converter with OVP for White LED Applications
Rev. D, 26-Mar-07
SI9731 VISHAY-SI9731_09 Datasheet
148Kb / 11P
   uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. C, 26-Oct-09
SI9731 VISHAY-SI9731 Datasheet
135Kb / 10P
   UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. B, 22-May-06
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
List of Unclassifed Man...
12BH309-GR ETC2-12BH309-GR Datasheet
101Kb / 1P
   10 AA Cell Battery Holder
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com