データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21010DFH310Z-TK データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL21010DFH310Z-TK
部品情報  Micropower Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21010DFH310Z-TK データシート(HTML) 8 Page - Intersil Corporation

Back Button ISL21010DFH310Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL21010
8
FN7896.1
December 8, 2011
Electrical Specifications (ISL21010-41, VOUT = 4.096V) VIN = 5.0V, TA = +25°C, IOUT = 0A, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOUT
Output Voltage
4.096
V
VOA
VOUT Accuracy @ TA = +25°C (Note 7)
-0.2
+0.2
%
TC VOUT
Output Voltage Temperature Coefficient (Note 9)
15
50
ppm/°C
VIN
Input Voltage Range
4.2
5.5
V
IIN
Supply Current
TA = +25°C
48
80
µA
TA = -40°C to +125°C
100
µA
ΔVOUT /ΔVIN
Line Regulation
4.2 V < VIN < 5.5V
106
550
µV/V
ΔVOUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ IOUT ≤ 25mA
50
140
µV/mA
Sinking: -1mA
≤ IOUT ≤ 0mA
50
µV/mA
VINDO
Dropout Voltage (Note 10)
IOUT = 10mA
60
150
mV
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
126
mA
tR
Turn-on Settling Time
VOUT = ±0.1%, COUT = 1μF
300
µs
Ripple Rejection
f = 120Hz
58
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
112
µVP-P
VN
Broadband Voltage Noise
10Hz
≤ f ≤ 1kHz
56
µVRMS
ΔVOUT/ΔTA
Thermal Hysteresis (Note 11)
ΔTA = +165°C
100
ppm
ΔVOUT/Δt
Long Term Stability
1000 hours, TA = +25°C
110
ppm
NOTES:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
9. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +125°C = +165°C.
10. Dropout Voltage is the minimum VIN - VOUT differential voltage measured at the point where VOUT drops 1mV from VIN = nominal at TA = +25°C.
11. Thermal Hysteresis is the change of VOUT measured @ TA = +25°C after temperature cycling over a specified range, ΔTA. VOUT is read initially at
TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference between
the initial VOUT reading and the second VOUT reading is then expressed in ppm. For ΔTA = +165°C, the device under test is cycled from +25°C to
-40°C to +125°C to +25°C.


同様の部品番号 - ISL21010DFH310Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21010DFH310Z-TK INTERSIL-ISL21010DFH310Z-TK Datasheet
2Mb / 35P
   Micropower Voltage Reference
January 8, 2015
logo
Renesas Technology Corp
ISL21010DFH310Z-TK RENESAS-ISL21010DFH310Z-TK Datasheet
3Mb / 37P
   Micropower Voltage Reference
More results

同様の説明 - ISL21010DFH310Z-TK

メーカー部品番号データシート部品情報
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com