データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL32612E データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL32612E
部品情報  16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS-422 Differential Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32612E データシート(HTML) 5 Page - Intersil Corporation

  ISL32612E Datasheet HTML 1Page - Intersil Corporation ISL32612E Datasheet HTML 2Page - Intersil Corporation ISL32612E Datasheet HTML 3Page - Intersil Corporation ISL32612E Datasheet HTML 4Page - Intersil Corporation ISL32612E Datasheet HTML 5Page - Intersil Corporation ISL32612E Datasheet HTML 6Page - Intersil Corporation ISL32612E Datasheet HTML 7Page - Intersil Corporation ISL32612E Datasheet HTML 8Page - Intersil Corporation ISL32612E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ISL32610E, ISL32611E, ISL32612E
5
FN7869.0
October 21, 2011
SWITCHING CHARACTERISTICS
Maximum Data Rate
fMAX
VID = ±1V, VCM = 0V,
(Figure 3)
VCC = 1.8V
Full
256
--
kbps
3V ≤ VCC ≤ 3.6V
Full
500
--
kbps
Receiver Input to Output Delay
tPLH, tPHL (Figure 3)
VCC = 1.8V
Full
-
210
1000
ns
VCC = 3.3V
25
-
200
-
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 3)
VCC = 1.8V
Full
-
3
125
ns
VCC = 3.3V
25
-
6
-
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND,
(Figure 4, Note 12)
VCC = 1.8V
Full
-
1100
4000
ns
VCC = 3.3V
25
-
1500
-
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC,
(Figure 4, Note 12)
VCC = 1.8V
Full
-
1100
4000
ns
VCC = 3.3V
25
-
1500
-
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND,
(Figure 4, Note 12)
VCC = 1.8V
Full
-
15
75
ns
VCC = 3.3V
25
-
6
-
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC,
(Figure 4, Note 12)
VCC = 1.8V
Full
-
15
75
ns
VCC = 3.3V
25
-
6
-
ns
ESD PERFORMANCE
RS-485 Pins (A, B)
IEC61000-4-2, Air-Gap Discharge Method
25
-
±16.5
-
kV
IEC61000-4-2, Contact Discharge Method
25
-
±9
-
kV
Human Body Model, From Bus Pins to GND
25
-
±16.5
-
kV
All Pins
Human Body Model (Tested per JESD22-A114E)
25
-
±8
-
kV
Machine Model (Tested per JESD22-A115-A)
25
-
±400
-
V
NOTES:
8. Compliance to data sheet limits is assured by one or more methods: production test, characterization and/or design.
9. Currents into device pins are positive; currents out of device pins are negative. Voltages are referenced to ground unless otherwise specified.
10. The ISL32611E enters SHDN whenever RE switches high, and the ISL32612E enters SHDN whenever RE switches low.
11. Devices meeting these limits are denoted as “1/8 unit load (1/8 UL)” transceivers. The RS-485 standard allows up to 32 Unit Loads on the bus, so
there can be 256 1/8 UL devices on a bus.
12. Not applicable to the ISL32610E.
Test Circuits and Waveforms
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. RECEIVER PROPAGATION DELAY AND DATA RATE
Electrical Specifications Test Conditions: VCC = 1.8V; Unless Otherwise Specified. Typicals are at VCC = 1.8V, TA = +25°C. Boldface
limits apply over the operating temperature range, -40°C to +125°C. (Note 9)
(Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
SIGNAL
GENERATORS
R
RO
RE / RE
A
B
GND / VCC
15pF
RO
+0.5V
-0.5V
tPLH
0V
0V
VOH
VOL
50%
50%
tPHL
A
B


同様の部品番号 - ISL32612E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL32612E INTERSIL-ISL32612E Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL32612E RENESAS-ISL32612E Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
ISL32612EFHZ-T RENESAS-ISL32612EFHZ-T Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
ISL32612EFHZ-T7A RENESAS-ISL32612EFHZ-T7A Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
More results

同様の説明 - ISL32612E

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL32610E RENESAS-ISL32610E Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
   RS-485/RS-422 Quad Differential Line Receivers
logo
Texas Instruments
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com