データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL32612EFHZ-T データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL32612EFHZ-T
部品情報  16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS-422 Differential Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32612EFHZ-T データシート(HTML) 2 Page - Intersil Corporation

  ISL32612EFHZ-T Datasheet HTML 1Page - Intersil Corporation ISL32612EFHZ-T Datasheet HTML 2Page - Intersil Corporation ISL32612EFHZ-T Datasheet HTML 3Page - Intersil Corporation ISL32612EFHZ-T Datasheet HTML 4Page - Intersil Corporation ISL32612EFHZ-T Datasheet HTML 5Page - Intersil Corporation ISL32612EFHZ-T Datasheet HTML 6Page - Intersil Corporation ISL32612EFHZ-T Datasheet HTML 7Page - Intersil Corporation ISL32612EFHZ-T Datasheet HTML 8Page - Intersil Corporation ISL32612EFHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL32610E, ISL32611E, ISL32612E
2
FN7869.0
October 21, 2011
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
CONFIGURATION
NO. OF DEVICES
ALLOWED ON BUS
1.8V, 3.3V
DATA RATE
(kbps)
Rx ENABLE?
QUIESCENT
ICC (µA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL32610E
Rx Only
256
256, 500
No
85
No
5
ISL32611E
Rx Only
256
256, 500
Yes, Active Low
85
Yes
6
ISL32612E
Rx Only
256
256, 500
Yes, Active High
85
Yes
6
Ordering Information
PART NUMBER
(Notes 1, 2, 3, 4)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
Tape & Reel
(Pb-Free)
PKG. DWG. #
ISL32610EFHZ-T
610F
-40 to +125
5 Ld SOT-23
P5.064
ISL32610EFHZ-T7A
610F
-40 to +125
5 Ld SOT-23
P5.064
ISL32611EFHZ-T
611F
-40 to +125
6 Ld SOT-23
P6.064
ISL32611EFHZ-T7A
611F
-40 to +125
6 Ld SOT-23
P6.064
ISL32612EFHZ-T
612F
-40 to +125
6 Ld SOT-23
P6.064
ISL32612EFHZ-T7A
612F
-40 to +125
6 Ld SOT-23
P6.064
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL32610E, ISL32611E, ISL32612E. For more information on MSL,
please see Tech Brief TB363.
4. The part marking is located on the bottom of the part.
Pin Configurations
ISL32610E
(5 LD SOT-23)
TOP VIEW
ISL32612E
(6 LD SOT-23)
TOP VIEW
ISL32611E
(6 LD SOT-23)
TOP VIEW
VCC
GND
RO
1
2
3
5
4
A
B
R
VCC
GND
RO
1
2
3
6
5
4
A
RE
B
R
VCC
GND
RO
1
2
3
6
5
4
A
RE
B
R
Truth Table
RECEIVING
INPUTS
OUTPUT
RE / RE (Note 12)
A-B
RO
0 / 1
≥ +0.2V
1
0 / 1
≤ -0.2V
0
0 / 1
Inputs Open
1
1 / 0
X
High-Z (Note 5)
NOTE:
5. Low Power Shutdown Mode (Note 10, except for the ISL32610E)


同様の部品番号 - ISL32612EFHZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL32612EFHZ-T RENESAS-ISL32612EFHZ-T Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
ISL32612EFHZ-T7A RENESAS-ISL32612EFHZ-T7A Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
More results

同様の説明 - ISL32612EFHZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL32610E RENESAS-ISL32610E Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
   RS-485/RS-422 Quad Differential Line Receivers
logo
Texas Instruments
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com