データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

BBY51-03W データシート(PDF) 2 Page - Siemens Semiconductor Group

部品番号. BBY51-03W
部品情報  Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
ダウンロード  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo 

BBY51-03W Datasheet(HTML) 2 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BBY 51-03W
Semiconductor Group
2
Edition A01, 03.05.95
Electrical Characteristics
at
TA = 25
°C, unless otherwise specified.
Parameter
Symbol
Value
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 6 V
VR = 6 V, TA = 65 °C
IR
-
-
-
-
10
200
nA
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 2 V, f = 1 MHz
VR = 3 V, f = 1 MHz
VR = 4 V, f = 1 MHz
CT
4.5
3.4
2.7
2.5
5.3
4.2
3.5
3.1
6.1
5.2
4.6
3.7
pF
Capacitance ratio
VR = 1 V, 4 V, f = 1 MHz
CT1V/CT4V
1.55
1.75
2.2
-
Capacitance difference
VR = 1 V, 3 V,f = 1MHz
VR = 3 V, 4 V,f = 1MHz
C1V-C3V
C3V-C4V
1.4
0.30
1.78
0.50
2.2
0.7
pF
Series resistance
VR = 1 V, f = 1 GHz
rs
-
0.37
-
Case capacitance
f = 1 MHz
CC
-
0.12
-
pF
Serien inductance
Ls
-2
-
nH
____________________
1) Without 100 % test, correlation limits


Html ページ

1  2  3 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
BBY51-07Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY51Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY52-03WSilicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY52Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53-02WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53Silicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BB814Silicon Variable Capacitance Diode For FM radio tuners with extended frequency band High tuning ratio at low supply voltage car radio 1 2 3 Siemens Semiconductor Group
BB914Silicon Variable Capacitance Diode For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio 1 2 3 Siemens Semiconductor Group
BBY55-03WSilicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance 1 2 3 Siemens Semiconductor Group

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn