データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS3H9HE3-57T データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SS3H9HE3-57T
部品情報  High-Voltage Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS3H9HE3-57T データシート(HTML) 1 Page - Vishay Siliconix

  SS3H9HE3-57T Datasheet HTML 1Page - Vishay Siliconix SS3H9HE3-57T Datasheet HTML 2Page - Vishay Siliconix SS3H9HE3-57T Datasheet HTML 3Page - Vishay Siliconix SS3H9HE3-57T Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Product
SS3H9 & SS3H10
Vishay General Semiconductor
Document Number: 88752
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High-Voltage Surface Mount Schottky Rectifier
High Barrier Technology for Improved High Temperature Performance
FEATURES
• Low profile package
• Ideal for automated placement
• Guardring for overvoltage protection
• Low power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Solder dip 260 °C 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage high frequency inverters,
freewheeling,
dc-to-dc
converters,
and
polarity
protection applications.
MECHANICAL DATA
Case: DO-214AB (SMC)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
90 V, 100 V
IFSM
100 A
VF
0.65 V
IR
20 µA
TJ max.
175 °C
DO-214AB (SMC)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS3H9
SS3H10
UNIT
Device marking code
MS9
MS10
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Working peak reverse voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current at: TL = 115 °C
IF(AV)
3.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Peak repetitive reverse surge current at tp = 2.0 µs, 1 kHz
IRRM
1.0
A
Critical rate of rise of reverse voltage
dV/dt
10 000
V/µs
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C


同様の部品番号 - SS3H9HE3-57T

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SS3H9HE3/57T VISHAY-SS3H9HE3/57T Datasheet
87Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 17-Dec-12
SS3H9HE3/9AT VISHAY-SS3H9HE3/9AT Datasheet
87Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 17-Dec-12
SS3H9HE3A/H VISHAY-SS3H9HE3A/H Datasheet
87Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 17-Dec-12
SS3H9HE3A/I VISHAY-SS3H9HE3A/I Datasheet
87Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 17-Dec-12
More results

同様の説明 - SS3H9HE3-57T

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SS29-E3 VISHAY-SS29-E3 Datasheet
90Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 27-Mar-12
SS1H9 VISHAY-SS1H9_15 Datasheet
85Kb / 5P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 28-Apr-14
SS29 VISHAY-SS29_V01 Datasheet
101Kb / 5P
   High Voltage Surface-Mount Schottky Rectifier
01-Jan-2022
SS2H9 VISHAY-SS2H9_08 Datasheet
93Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2H9 VISHAY-SS2H9_15 Datasheet
82Kb / 5P
   High Voltage Surface Mount Schottky Rectifier
Revision: 16-Jan-14
SS3H10-E3 VISHAY-SS3H10-E3 Datasheet
87Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 17-Dec-12
SS1H9 VISHAY-SS1H9_V01 Datasheet
97Kb / 5P
   High-Voltage Surface-Mount Schottky Rectifier
01-Jan-2022
SS2H9 VISHAY-SS2H9 Datasheet
270Kb / 3P
   High-Voltage Surface Mount Schottky Rectifier
28-Jun-05
SS1H9-E3 VISHAY-SS1H9-E3 Datasheet
86Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 14-Dec-12
SS1H9 VISHAY-SS1H9_08 Datasheet
93Kb / 4P
   High-Voltage Surface Mount Schottky Rectifier
Revision: 19-May-08
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com