データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMF24A-M データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SMF24A-M
部品情報  Surface Mount ESD Protection Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMF24A-M データシート(HTML) 2 Page - Vishay Siliconix

  SMF24A-M Datasheet HTML 1Page - Vishay Siliconix SMF24A-M Datasheet HTML 2Page - Vishay Siliconix SMF24A-M Datasheet HTML 3Page - Vishay Siliconix SMF24A-M Datasheet HTML 4Page - Vishay Siliconix SMF24A-M Datasheet HTML 5Page - Vishay Siliconix SMF24A-M Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ESDprotection@vishay.com
Document Number: 83355
2
Rev. 1.0, 22-Sep-10
SMF5V0A-M to SMF51A-M
Vishay Semiconductors
Surface Mount ESD Protection
Diodes
SMF26A-M
SMF
PE
15 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
SMF28A-M
PG
SMF30A-M
PK
SMF33A-M
PM
SMF36A-M
PP
SMF40A-M
PR
SMF43A-M
PT
SMF45A-M
PV
SMF48A-M
PX
SMF51A-M
PZ
PACKAGE DATA
DEVICE NAME
PACKAGE
NAME
TYPE CODE
WEIGHT
MOLDING
COMPOUND
FLAMMABILITY
RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING CONDITIONS
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
tp = 10/1000 µs waveform acc. IEC 61000-4-5
IPPM
see “Electrical
Characteristics”
A
Peak pulse power
tp = 8/20 µs waveform acc. IEC 61000-4-5
PPP
1000
W
tp = 10/1000 µs waveform acc. IEC 61000-4-5
200
W
Peak forward surge current
8.3 ms single half sine-wave
IFSM
20
A
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Thermal resistance
Mounted on epoxy glass PCB with 3 mm x 3 mm,
Cu pads (
40 µm thick)
RthJA
180
K/W
Forward clamping voltage
IF = 12 A
VF
3.5
V
Operating temperature
Junction temperature
TJ
- 55 to + 150
°C
Storage temperature
TSTG
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
REVERSE
BREAKDOWN
VOLTAGE
at IT, tp  5 ms
TEST
CURRENT
REVERSE
WORKING
VOLTAGE
REVERSE
CURRENT
at VRWM
MAXIMUM
PEAK PULSE
CURRENT
tp = 10/1000 s
REVERSE
CLAMPING
VOLTAGE
at IPPM
CAPACITANCE
at VR = 0 V,
f = 1 MHz
PROTECTION
PATHS
VBR MIN.
(V)
IT
(mA)
VRWM
(V)
IR
(µA)
IPPM
(A)
VC
(V)
CD TYP.
(pF)
Nchannel
SMF5V0A-M
6.40
10
5
400
21.7
9.2
1030
1
SMF6V0A-M
6.67
10
6
400
19.4
10.3
1010
1
SMF6V5A-M
7.22
10
6.5
250
17.9
11.2
850
1
SMF7V0A-M
7.78
10
7
100
16.7
12
750
1
SMF7V5A-M
8.33
1
7.5
50
15.5
12.9
730
1
SMF8V0A-M
8.89
1
8
25
14.7
13.6
670
1
SMF8V5A-M
9.44
1
8.5
10
13.9
14.4
660
1
SMF9V0A-M
10
1
9
5
13.5
15.4
620
1
SMF10A-M
11.1
1
10
2.5
11.8
17
570
1
SMF11A-M
12.2
1
11
2.5
11
18.2
460
1
SMF12A-M
13.3
1
12
2.5
10.1
19.9
440
1
SMF13A-M
14.4
1
13
1
9.3
21.5
420
1
SMF14A-M
15.6
1
14
1
8.6
23.2
370
1
SMF15A-M
16.7
1
15
1
8.2
24.4
350
1
SMF16A-M
17.8
1
16
1
7.7
26
340
1
SMF17A-M
18.9
1
17
1
7.2
27.6
310
1


同様の部品番号 - SMF24A-M

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMF24A-M VISHAY-SMF24A-M Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
More results

同様の説明 - SMF24A-M

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com