データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1808BZWTD4 データシート(PDF) 2 Page - Texas Instruments

部品番号 AM1808BZWTD4
部品情報  AM1808 ARM Microprocessor
Download  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM1808BZWTD4 データシート(HTML) 2 Page - Texas Instruments

  AM1808BZWTD4 Datasheet HTML 1Page - Texas Instruments AM1808BZWTD4 Datasheet HTML 2Page - Texas Instruments AM1808BZWTD4 Datasheet HTML 3Page - Texas Instruments AM1808BZWTD4 Datasheet HTML 4Page - Texas Instruments AM1808BZWTD4 Datasheet HTML 5Page - Texas Instruments AM1808BZWTD4 Datasheet HTML 6Page - Texas Instruments AM1808BZWTD4 Datasheet HTML 7Page - Texas Instruments AM1808BZWTD4 Datasheet HTML 8Page - Texas Instruments AM1808BZWTD4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 262 page
background image
AM1808
SPRS653C
– FEBRUARY 2010 – REVISED DECEMBER 2011
www.ti.com
• USB 1.1 OHCI (Host) With Integrated PHY
– Supports Multiple Interfaces with START,
(USB1)
ENABLE and WAIT Controls
• USB 2.0 OTG Port With Integrated PHY (USB0)
• Serial ATA (SATA) Controller:
– USB 2.0 High-/Full-Speed Client
– Supports SATA I (1.5 Gbps) and SATA II (3.0
Gbps)
– USB 2.0 High-/Full-/Low-Speed Host
– Supports all SATA Power Management
– End Point 0 (Control)
Features
– End Points 1,2,3,4 (Control, Bulk, Interrupt or
– Hardware-Assisted Native Command
ISOC) Rx and Tx
Queueing (NCQ) for up to 32 Entries
• One Multichannel Audio Serial Port:
– Supports Port Multiplier and
– Transmit/Receive Clocks
Command-Based Switching
– Two Clock Zones and 16 Serial Data Pins
• Real-Time Clock With 32 KHz Oscillator and
– Supports TDM, I2S, and Similar Formats
Separate Power Rail
– DIT-Capable
• Three 64-Bit General-Purpose Timers (Each
– FIFO buffers for Transmit and Receive
configurable as Two 32-Bit Timers)
• Two Multichannel Buffered Serial Ports:
• One 64-bit General-Purpose/Watchdog Timer
– Transmit/Receive Clocks
(Configurable as Two 32-bit General-Purpose
– Supports TDM, I2S, and Similar Formats
Timers)
– AC97 Audio Codec Interface
• Two Enhanced Pulse Width Modulators
(eHRPWM):
– Telecom Interfaces (ST-Bus, H100)
– Dedicated 16-Bit Time-Base Counter With
– 128-channel TDM
Period And Frequency Control
– FIFO buffers for Transmit and Receive
– 6 Single Edge, 6 Dual Edge Symmetric or 3
• 10/100 Mb/s Ethernet MAC (EMAC):
Dual Edge Asymmetric Outputs
– IEEE 802.3 Compliant
– Dead-Band Generation
– MII Media Independent Interface
– PWM Chopping by High-Frequency Carrier
– RMII Reduced Media Independent Interface
– Trip Zone Input
– Management Data I/O (MDIO) Module
• Three 32-Bit Enhanced Capture Modules
• Video Port Interface (VPIF):
(eCAP):
– Two 8-bit SD (BT.656), Single 16-bit or Single
– Configurable as 3 Capture Inputs or 3
Raw (8-/10-/12-bit) Video Capture Channels
Auxiliary Pulse Width Modulator (APWM)
– Two 8-bit SD (BT.656), Single 16-bit Video
outputs
Display Channels
– Single Shot Capture of up to Four Event
• Universal Parallel Port (uPP):
Time-Stamps
– High-Speed Parallel Interface to FPGAs and
• 361-Ball Pb-Free Plastic Ball Grid Array (PBGA)
Data Converters
[ZCE Suffix], 0.65-mm Ball Pitch
– Data Width on Each of Two Channels is 8- to
• 361-Ball Pb-Free Plastic Ball Grid Array (PBGA)
16-bit Inclusive
[ZWT Suffix], 0.80-mm Ball Pitch
– Single Data Rate or Dual Data Rate Transfers
• Commercial or Extended Temperature
2
AM1808 ARM Microprocessor
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808


同様の部品番号 - AM1808BZWTD4

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM1808BZWTD4 TI-AM1808BZWTD4 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808BZWTD4 TI-AM1808BZWTD4 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808BZWTD4 TI1-AM1808BZWTD4 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM짰 Microprocessor
AM1808BZWTD4 TI1-AM1808BZWTD4 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM Microprocessor
APRIL2011
More results

同様の説明 - AM1808BZWTD4

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808 TI1-AM1808_11 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM Microprocessor
APRIL2011
AM1808 TI-AM1808 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808_1008 TI-AM1808_1008 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com