データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD16411Q3 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD16411Q3
部品情報  N-Channel NexFET??Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CSD16411Q3 データシート(HTML) 7 Page - Texas Instruments

Back Button CSD16411Q3 Datasheet HTML 3Page - Texas Instruments CSD16411Q3 Datasheet HTML 4Page - Texas Instruments CSD16411Q3 Datasheet HTML 5Page - Texas Instruments CSD16411Q3 Datasheet HTML 6Page - Texas Instruments CSD16411Q3 Datasheet HTML 7Page - Texas Instruments CSD16411Q3 Datasheet HTML 8Page - Texas Instruments CSD16411Q3 Datasheet HTML 9Page - Texas Instruments CSD16411Q3 Datasheet HTML 10Page - Texas Instruments CSD16411Q3 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
0.63
0.41
M0143-01
3.50
2.31
0.56
4.00 ±0.10 (See Note 1)
2.00 ±0.05
3.60
M0144-01
8.00 ±0.10
Ø 1.50
+0.10
–0.00
CSD16411Q3
www.ti.com
SLPS206A – AUGUST 2009 – REVISED SEPTEMBER 2010
Recommended PCB Pattern
For recommended circuit layout for PCB designs, see application note SLPA005 – Reducing Ringing Through
PCB Layout Techniques.
Q3 Tape and Reel Information
Notes:
1. 10 sprocket hole pitch cumulative tolerance ±0.2
2. Camber not to exceed 1mm IN 100mm, noncumulative over 250mm
3. Material:black static dissipative polystyrene
4. All dimensions are in mm (unless otherwise specified)
5. Thickness: 0.30 ±0.05mm
6. MSL1 260°C (IR and Convection) PbF Reflow Compatible
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CSD16411Q3


同様の部品番号 - CSD16411Q3

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD16410Q5A TI-CSD16410Q5A Datasheet
343Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16412Q5A TI-CSD16412Q5A Datasheet
346Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results

同様の説明 - CSD16411Q3

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com