データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC516 データシート(PDF) 4 Page - Siemens Semiconductor Group

部品番号 BC516
部品情報  PNP Silicon Darlington Transistor (High current gain High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC516 データシート(HTML) 4 Page - Siemens Semiconductor Group

  BC516 Datasheet HTML 1Page - Siemens Semiconductor Group BC516 Datasheet HTML 2Page - Siemens Semiconductor Group BC516 Datasheet HTML 3Page - Siemens Semiconductor Group BC516 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
BC 516
Collector-emitter saturation voltage
IC = f (VCEsat)
hFE = 1000
DC current gain hFE = f (IC)
VCE = 2 V
Base-emitter saturation voltage
IC = f (VBEsat)
hFE = 1000
Capacitance C = f (VEB, VCB)


同様の部品番号 - BC516

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
   PNP Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
BC516 FAIRCHILD-BC516 Datasheet
25Kb / 3P
   PNP Darlington Transistor
logo
Micro Electronics
BC516 MICRO-ELECTRONICS-BC516 Datasheet
68Kb / 1P
   COMPLEMENTARY SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC516 SEMTECH_ELEC-BC516 Datasheet
78Kb / 1P
   PNP Silicon Darlington Transistor
logo
KEC(Korea Electronics)
BC516 KEC-BC516 Datasheet
373Kb / 1P
   TO-92 PACKAGE
More results

同様の説明 - BC516

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BC876 SIEMENS-BC876 Datasheet
170Kb / 4P
   PNP Silicon Darlington Transistors (High current gain High collector current)
BC517 SIEMENS-BC517 Datasheet
138Kb / 4P
   NPN Silicon Darlington Transistor (High current gain High collector current)
BC617 SIEMENS-BC617 Datasheet
142Kb / 5P
   NPN Silicon Darlington Transistors (High current gain High collector current)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC368 SIEMENS-BC368 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor (High current gain High collector current)
logo
Wing Shing Computer Com...
TIP145 WINGS-TIP145 Datasheet
26Kb / 2P
   SILICON DARLINGTON TRANSISTOR PNP EPITAXIAL(HIGH DC CURRENT GAIN)
logo
Siemens Semiconductor G...
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com