データシートサーチシステム |
|
TLPG5600 データシート(PDF) 3 Page - Vishay Siliconix |
|
TLPG5600 データシート(HTML) 3 Page - Vishay Siliconix |
3 / 10 page Document Number 83043 Rev. 1.9, 13-Sep-07 www.vishay.com 3 Vishay Semiconductors TLPG/H/P/R/Y5600 Note: 1) T amb = 25 °C, unless otherwise specified 2) in one packing unit I Vmin/IVmax ≤ 0.5 Note: 1) T amb = 25 °C, unless otherwise specified 2) in one packing unit I Vmin/IVmax ≤ 0.5 TYPICAL CHARACTERISTICS Tamb = 25 °C, unless otherwise specified OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLPG5600, GREEN PARAMETER TEST CONDITION SYMBOL MIN TYP. MAX UNIT Luminous intensity 2) IF = 10 mA IV 0.63 1.5 mcd Dominant wavelength IF = 10 mA λ d 562 575 nm Peak wavelength IF = 10 mA λ p 565 nm Angle of half intensity IF = 10 mA ϕ ± 80 deg Forward voltage IF = 20 mA VF 2.4 3 V Reverse voltage IR = 10 μAVR 615 V Junction capacitance VR = 0, f = 1 MHz Cj 50 pF OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLPP5600, PURE GREEN PARAMETER TEST CONDITION SYMBOL MIN TYP. MAX UNIT Luminous intensity 2) IF = 10 mA IV 0.63 1.6 mcd Dominant wavelength IF = 10 mA λ d 555 565 nm Peak wavelength IF = 10 mA λ p 555 nm Angle of half intensity IF = 10 mA ϕ ± 80 deg Forward voltage IF = 20 mA VF 2.4 3 V Reverse voltage IR = 10 μAVR 615 V Junction capacitance VR = 0, f = 1 MHz Cj 50 pF Figure 1. Power Dissipation vs. Ambient Temperature 0 20 40 60 80 100 0 20406080 100 T amb - Ambient Temperature (°C) 17520 red, yellow, green, pure green red Figure 2. Forward Current vs. Ambient Temperature 0 5 10 15 20 25 30 35 40 0 1020 3040 5060 70 80 90 100 T amb - Ambient Temperature (°C) 17519 red, yellow, green, pure green red |
同様の部品番号 - TLPG5600 |
|
同様の説明 - TLPG5600 |