データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSHA5200 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 TSHA5200
部品情報  Infrared Emitting Diode, 875 nm, GaAlAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA5200 データシート(HTML) 1 Page - Vishay Siliconix

  TSHA5200_09 Datasheet HTML 1Page - Vishay Siliconix TSHA5200_09 Datasheet HTML 2Page - Vishay Siliconix TSHA5200_09 Datasheet HTML 3Page - Vishay Siliconix TSHA5200_09 Datasheet HTML 4Page - Vishay Siliconix TSHA5200_09 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 81019
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.9, 29-Jun-09
1
Infrared Emitting Diode, 875 nm, GaAlAs
TSHA5200, TSHA5201, TSHA5202, TSHA5203
Vishay Semiconductors
DESCRIPTION
The TSHA520. series are infrared, 875 nm emitting diodes in
GaAlAs technology, molded in a clear, untinted plastic
package.
FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Leads with stand-off
• Peak wavelength:
λ
p = 875 nm
• High reliability
• Angle of half intensity:
ϕ = ± 12°
• Low forward voltage
• Suitable for high pulse current operation
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
APPLICATIONS
• Infrared remote control and free air data transmission
systems
• This emitter series is dedicated to systems with panes in
transmission
space
between
emitter
and
detector,
because of the low absorbtion of 875 nm radiation in glass
Note
Test conditions see table “Basic Characteristics”
Note
MOQ: minimum order quantity
Note
Tamb = 25 °C, unless otherwise specified
94 8390
PRODUCT SUMMARY
COMPONENT
Ie (mW/sr)
ϕ (deg)
λ
P (nm)
tr (ns)
TSHA5200
40
± 12
875
600
TSHA5201
50
± 12
875
600
TSHA5202
60
± 12
875
600
TSHA5203
65
± 12
875
600
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
TSHA5200
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
T-1¾
TSHA5201
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
T-1¾
TSHA5202
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
T-1¾
TSHA5203
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
T-1¾
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
5V
Forward current
IF
100
mA
Peak forward current
tp/T = 0.5, tp = 100 µs
IFM
200
mA
Surge forward current
tp = 100 µs
IFSM
2.5
A
Power dissipation
PV
180
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from case
Tsd
260
°C
Thermal resistance junction/ambient
J-STD-051, leads 7 mm, soldered on PCB
RthJA
230
K/W


同様の部品番号 - TSHA5200_09

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TSHA5200 VISHAY-TSHA5200_08 Datasheet
122Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 05-Sep-08
More results

同様の説明 - TSHA5200_09

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TSHA5200 VISHAY-TSHA5200 Datasheet
107Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 2.0, 24-Aug-11
TSHA4401 VISHAY-TSHA4401_V02 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
TSHA6500 VISHAY-TSHA6500_09 Datasheet
101Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 2.0, 06-Oct-09
TSHA6200 VISHAY-TSHA6200 Datasheet
109Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
TSHA6203 VISHAY-TSHA6203_V01 Datasheet
108Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA4401 VISHAY-TSHA4401_V01 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA5500 VISHAY-TSHA5500_V01 Datasheet
104Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA6500 VISHAY-TSHA6500_V01 Datasheet
113Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA5500 VISHAY-TSHA5500 Datasheet
105Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
TSHA6200 VISHAY-TSHA6200_09 Datasheet
115Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.8, 25-Jun-09
TSHA4400 VISHAY-TSHA4400 Datasheet
119Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.8, 15-Sep-14
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com