データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC817-16W データシート(PDF) 1 Page - Siemens Semiconductor Group

部品番号 BC817-16W
部品情報  NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC817-16W データシート(HTML) 1 Page - Siemens Semiconductor Group

  BC817-16W Datasheet HTML 1Page - Siemens Semiconductor Group BC817-16W Datasheet HTML 2Page - Siemens Semiconductor Group BC817-16W Datasheet HTML 3Page - Siemens Semiconductor Group BC817-16W Datasheet HTML 4Page - Siemens Semiconductor Group BC817-16W Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
Dec-19-1996
BC 817-16W
NPN Silicon AF Transistor
• For general AF applications
• High collector current
• High current gain
• Low collector-emitter saturation voltage
• Complementary types: BC807W, BC808W (PNP)
Type
Marking Ordering Code
Pin Configuration
Package
BC 817-16W
6As
Q62702-C2320
1 = B
2 = E
3 = C
SOT-323
BC 817-25W
6Bs
Q62702-C2278
1 = B
2 = E
3 = C
SOT-323
BC 817-40W
6Cs
Q62702-C2321
1 = B
2 = E
3 = C
SOT-323
BC 818-16W
6Es
Q62702-C2322
1 = B
2 = E
3 = C
SOT-323
BC 818-25W
6Fs
Q62702-C2323
1 = B
2 = E
3 = C
SOT-323
BC 818-40W
6Gs
Q62702-C2324
1 = B
2 = E
3 = C
SOT-323
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
BC 817 W
BC 818 W
VCEO
25
45
V
Collector-base voltage
BC 817 W
BC 818 W
VCBO
30
50
Emitter-base voltage
VEBO
5
DC collector current
IC
500
mA
Peak collector current
ICM
1
A
Base current
IB
100
mA
Total power dissipation,
TS = 130°C
Ptot
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction ambient
1)
RthJA
≤ 215
K/W
Junction - soldering point
RthJS
≤ 80
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 0.5cm2 Cu


同様の部品番号 - BC817-16W

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC817-16W PHILIPS-BC817-16W Datasheet
49Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Infineon Technologies A...
BC817-16W INFINEON-BC817-16W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Diodes Incorporated
BC817-16W DIODES-BC817-16W Datasheet
364Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30575 Rev. 4 - 2
logo
SeCoS Halbleitertechnol...
BC817-16W SECOS-BC817-16W Datasheet
263Kb / 2P
   NPN Plastic Encapsulate Transistor
logo
Taiwan Semiconductor Co...
BC817-16W TSC-BC817-16W Datasheet
576Kb / 4P
   200mW, NPN Small Signal Transistor
More results

同様の説明 - BC817-16W

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP68 SIEMENS-BCP68 Datasheet
136Kb / 4P
   NPN Silicon AF Transistor (For general AF application High collector current High current gain)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
BC368 SIEMENS-BC368 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor (High current gain High collector current)
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
BCP29 SIEMENS-BCP29 Datasheet
153Kb / 5P
   NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com