データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC850B データシート(PDF) 2 Page - Siemens Semiconductor Group

部品番号 BC850B
部品情報  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC850B データシート(HTML) 2 Page - Siemens Semiconductor Group

  BC850B Datasheet HTML 1Page - Siemens Semiconductor Group BC850B Datasheet HTML 2Page - Siemens Semiconductor Group BC850B Datasheet HTML 3Page - Siemens Semiconductor Group BC850B Datasheet HTML 4Page - Siemens Semiconductor Group BC850B Datasheet HTML 5Page - Siemens Semiconductor Group BC850B Datasheet HTML 6Page - Siemens Semiconductor Group BC850B Datasheet HTML 7Page - Siemens Semiconductor Group BC850B Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BC 846 ... BC 850
Semiconductor Group
2
Maximum Ratings
Parameter
Symbol
BC 846
Unit
Collector-emitter voltage
VCE0
65
V
Collector-base voltage
VCB0
80
Emitter-base voltage
VEB0
Collector current
IC
mA
Peak emitter current
IEM
Total power dissipation, TS = 71 ˚C
Ptot
mW
Junction temperature
Tj
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient1)
Rth JA
310
K/W
Peak collector current
ICM
Peak base current
IBM
BC 847
BC 850
45
50
100
200
330
150
200
200
Values
BC 848
BC 849
30
30
Collector-emitter voltage
VCES
80
50
30
66
5
Junction - soldering point
Rth JS
240
1)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.


同様の部品番号 - BC850B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC850B PHILIPS-BC850B Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
logo
Formosa MS
BC850B FORMOSA-BC850B Datasheet
121Kb / 9P
   SMD NPN Transistor
logo
Infineon Technologies A...
BC850B INFINEON-BC850B Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
logo
Yea Shin Technology Co....
BC850B YEASHIN-BC850B Datasheet
857Kb / 5P
   General Purpose Transistors
logo
Diotec Semiconductor
BC850B DIOTEC-BC850B Datasheet
186Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

同様の説明 - BC850B

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com