データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP55-16 データシート(PDF) 5 Page - Siemens Semiconductor Group

部品番号 BCP55-16
部品情報  NPN Silicon AF Transistors (For AF driver and output stages High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP55-16 データシート(HTML) 5 Page - Siemens Semiconductor Group

  BCP55-16 Datasheet HTML 1Page - Siemens Semiconductor Group BCP55-16 Datasheet HTML 2Page - Siemens Semiconductor Group BCP55-16 Datasheet HTML 3Page - Siemens Semiconductor Group BCP55-16 Datasheet HTML 4Page - Siemens Semiconductor Group BCP55-16 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Semiconductor Group
5
BCP 54
... BCP 56
Collector-emitter saturation voltage
IC = f (VCEsat)
hFE = 10
Base-emitter saturation voltage
IC = f (VBEsat)
hFE = 10
Permissible pulse load Ptot max/Ptot DC = f (
tp)


同様の部品番号 - BCP55-16

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP55-16 PHILIPS-BCP55-16 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Infineon Technologies A...
BCP55-16 INFINEON-BCP55-16 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BCP55-16 INFINEON-BCP55-16 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BCP55-16 INFINEON-BCP55-16 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
logo
SeCoS Halbleitertechnol...
BCP55-16 SECOS-BCP55-16 Datasheet
489Kb / 2P
   1A , 60V NPN Silicon Medium Power Transistor
More results

同様の説明 - BCP55-16

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BDP947 SIEMENS-BDP947 Datasheet
40Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com