データシートサーチシステム |
|
TL1100FF160QGRY データシート(PDF) 1 Page - E-SWITCH |
|
TL1100FF160QGRY データシート(HTML) 1 Page - E-SWITCH |
1 / 3 page SPECIFICATIONS Contact Rating: 50mA @ 12 VDC Life Expectancy: 100,000 cycles Contact Resistance: 100mΩ max., typical @ 2-4 VDC 100mA for both silver and gold plated contacts Insulation Resistance: 100MΩ min. Dielectric Strength: 250VAC Actuation Force: 160± 50 gf, 260± 50 gf Operating Temperature: -20°C to 70°C Travel: 0.3 Typ. MATERIALS Housing: Polyester Actuator: Polyester Cover: Polyester Contacts: Silver plated phosphor bronze Terminals: Silver plated copper alloy TL 1100 Specifications subject to change without notice. Example Ordering Number TL _ 1100 _ C _ F260 _ Q _TAK _ GRY SERIES OPERATING FORCE CONTACT MATERIAL (None)* = 3.3mm A = 3.8mm B = 4.554mm D= 4.3mm E= 7.5mm F= 12mm Right Angle Options C*= 6.45mm G = 11.2mm ACTUATOR ("L" Dimension) 1100 F160 F260 Q = Silver R = Gold See Cap Options *Caps available for these options only CAP (Where Avail.) CAP COLOR MODEL NO. TL HOW TO ORDER TL – Square Snap-on Actuator Head “L” Dimension is 7.5mm SCHEMATIC P.C. MOUNTING FEATURES & BENEFITS Reliable dome contact technology Strong tactile/audible feedback Multiple operating force options APPLICATIONS/MARKETS Telecommunications Consumer Electronics Audio/visual Medical Testing/instrumentation Computer/servers/peripherals Phone: 800-867-2717 Fax: 763-531-8235 30 SERIES TL 1100 SWITCHES TACT SWITCHES - 12mm x 12mm |
同様の部品番号 - TL1100FF160QGRY |
|
同様の説明 - TL1100FF160QGRY |