データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1100AF260RGRY データシート(PDF) 1 Page - E-SWITCH

部品番号 TL1100AF260RGRY
部品情報  TACT SWITCHES - 12mm x 12mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-SWITCH [E-SWITCH]
ホームページ  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1100AF260RGRY データシート(HTML) 1 Page - E-SWITCH

  TL1100AF260RGRY Datasheet HTML 1Page - E-SWITCH TL1100AF260RGRY Datasheet HTML 2Page - E-SWITCH TL1100AF260RGRY Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATIONS
Contact Rating:
50mA @ 12 VDC
Life Expectancy:
100,000 cycles
Contact Resistance:
100mΩ max., typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
100MΩ min.
Dielectric Strength:
250VAC
Actuation Force:
160± 50 gf, 260± 50 gf
Operating Temperature: -20°C to 70°C
Travel:
0.3 Typ.
MATERIALS
Housing:
Polyester
Actuator:
Polyester
Cover:
Polyester
Contacts:
Silver plated phosphor bronze
Terminals:
Silver plated copper alloy
TL 1100
Specifications subject to change without notice.
Example Ordering Number
TL _ 1100 _ C _ F260 _ Q _TAK _ GRY
SERIES
OPERATING
FORCE
CONTACT
MATERIAL
(None)* = 3.3mm
A = 3.8mm
B = 4.554mm
D= 4.3mm
E= 7.5mm
F= 12mm
Right Angle Options
C*= 6.45mm
G = 11.2mm
ACTUATOR
("L" Dimension)
1100
F160
F260
Q = Silver
R = Gold
See Cap Options
*Caps available for
these options only
CAP
(Where Avail.)
CAP
COLOR
MODEL NO.
TL
HOW TO ORDER
TL
– Square Snap-on Actuator Head
“L” Dimension is 7.5mm
SCHEMATIC
P.C. MOUNTING
FEATURES & BENEFITS
Reliable dome contact technology
Strong tactile/audible feedback
Multiple operating force options
APPLICATIONS/MARKETS
Telecommunications
Consumer Electronics
Audio/visual
Medical
Testing/instrumentation
Computer/servers/peripherals
Phone: 800-867-2717
Fax: 763-531-8235
30
SERIES TL 1100 SWITCHES
TACT SWITCHES - 12mm x 12mm


同様の部品番号 - TL1100AF260RGRY

メーカー部品番号データシート部品情報
logo
E-SWITCH
TL1100AF260RGRY E-SWITCH-TL1100AF260RGRY Datasheet
229Kb / 3P
   TACT SWITCHES
More results

同様の説明 - TL1100AF260RGRY

メーカー部品番号データシート部品情報
logo
LUMEX INC.
SML-LX4747MWC-TR10 LUMEX-SML-LX4747MWC-TR10 Datasheet
355Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, WARM WHITE
SML-LX4747MWCATR10 LUMEX-SML-LX4747MWCATR10 Datasheet
374Kb / 4P
   12mm x 12mm SRFACE MOUNT LED. WARM WHITE
SML-LX4747NWC-TR10 LUMEX-SML-LX4747NWC-TR10 Datasheet
355Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, NEUTRAL WHITE
SML-LX4747NWCATR10 LUMEX-SML-LX4747NWCATR10 Datasheet
379Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, NEuTRAL WHITE
SML-LX4747UWC-TR10 LUMEX-SML-LX4747UWC-TR10 Datasheet
356Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, COOL WHITE
SML-LX4747UWCATR10 LUMEX-SML-LX4747UWCATR10 Datasheet
379Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, COOL WHITE
logo
ALPS ELECTRIC CO.,LTD.
SK2AA00540 ALPS-SK2AA00540 Datasheet
507Kb / 5P
   TACT SwitchTM 12mm Square (Snap-in Type)
SKHCAAA010 ALPS-SKHCAAA010 Datasheet
144Kb / 5P
   TACT SwitchTM 12×12mm (Snap-in)Type
logo
EUROQUARTZ limited
MP43050 EUROQUARTZ-MP43050 Datasheet
115Kb / 1P
   12mm x 4.5mm SMD
logo
List of Unclassifed Man...
SWLP2450124B02 ETC2-SWLP2450124B02 Datasheet
1Mb / 13P
   12mm*12mm*4mm 2.4GHz SMD Patch Antenna
More results


Html Pages

1 2 3