データシートサーチシステム |
|
TL6100CF300RP データシート(PDF) 1 Page - E-SWITCH |
|
TL6100CF300RP データシート(HTML) 1 Page - E-SWITCH |
1 / 2 page www.e-switch.com info@e-switch.com 37 Specifications subject to change without notice. SERIES OPERATING FORCE CONTACT MATERIAL ACTUATOR ("L" Dimension) 6100 6105 = Earth Ground F130 F160 F300 F500 Q = Silver R = Gold P = PC Pin MODEL NO. TL Example Ordering Number TL _ 6100 _ A_ F130 _ Q _P SPECIFICATIONS Contact Rating: 50mA@50 VDC Life Expectancy: 50,000 cycles Contact Resistance: 50mΩ max., typical @ 5 VDC 100mA for both silver and gold plated contacts Insulation Resistance: 10000MΩ min. Dielectric Strength: 300 VAC Actuation Force: 130± 50 gf, 160± 50 gf, 300± 50 gf, 500± 100 gf Operating Temperature: -40°C to 85°C MATERIALS Housing: Nylon Frame: Copper alloy, tin plated Actuator: Nylon Moving Contact: Phoz. Bronze, plated Terminals: Copper alloy, plated HOW TO ORDER A = 4.70mm B = 5.20mm C = 6.90mm D = 10.0mm TERMINATION TL 6110 Right Angle F130 F160 F300 F500 Q = Silver R = Gold P = PC Pin A = 3.50mm B = 4.00mm C = 5.70mm D = 8.70mm TL Example Ordering Number TL _ 6120 _ B_ F160_ Q_G FEATURES & BENEFITS Multiple gram force options Multiple actuator lengths Process Sealed APPLICATIONS/MARKETS Telecommunications Consumer Electronics Audio/visual Medical Testing/instrumentation Computer/servers/peripherals 6120 Surface Mount F130 F160 F300 F500 Q = Silver R = Gold G = Gullwing A = 4.70mm B = 5.20mm C = 6.90mm D = 10.00mm TL Example Ordering Number TL _ 6110 _ C_ F300_ R_P SERIES TL 6100 SWITCHES TACT SWITCHES - SEALED THRU-HOLE |
同様の部品番号 - TL6100CF300RP |
|
同様の説明 - TL6100CF300RP |