データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


744025006 データシート(Datasheet) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号. 744025006
部品情報  POWER-CHOKE WE-TPC
ダウンロード  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo 

   
 1 page
background image
Bezeichnung :
description :
size
A
mm
B
mm
C
mm
D
mm
E
mm
@@FRM 1@@
Eigenschaften / properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
DC-Widerstand /
DC-resistance
Nennstrom /
rated Current
Sättigungsstrom /
saturation current
Eigenres.-Frequenz /
self-res.-fequency
33%
Umgebungstemperatur / temperature:
+20°C
Ferrit/ ferrite
CZ
10-11-09
Name
Datum / date
Isat
A
SRF
MHz
DT = 40 K
typ.
6,8
@ 20°C
DL/L = < 35%
typ.
IN
m
W
@ 20°C
m
W
typ.
SPEICHERDROSSEL WE-TPC
POWER-CHOKE WE-TPC
µH
RDC max.
Lo
A Mechanische Abmessungen / dimensions:
100 kHz / 1mA
RDC typ.
142
Endoberfläche / finishing electrode:
Ag/Ni/Sn
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
Umgebungstemp. / ambient temperature: -40°C - + 85°C
59
@ 20°C
744025006
Geprüft / checked
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2010-11-09
max.
Testbedingungen /
test conditions
165,0
±20%
Artikelnummer / part number :
Kunde / customer :
http://www.we-online.de
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
HP 34401 A & Fluke 54II für/for IDC;
WAYNE KERR 3260B für/for L0; ISAT
D Prüfgeräte / test equipment:
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Würth Elektronik
..................................................................................
2,8 ± 0,2
1,3
typ.
1,1
A
1,0 typ.
0,9 typ.
2,8 ± 0,20
Freigabe erteilt / general release:
Kunde / customer
...............................................
............................................
Basismaterial / base material:
Draht / wire:
Class H /180°C
Luftfeuchtigkeit / humidity:
F Werkstoffe & Zulassungen / material & approvals:
G Eigenschaften / general specifications:
E Testbedingungen / test conditions:
Metra HIT 27I für/for RDC
2,8 ± 0,2
2828
Änderung / modification
Version 1
Betriebstemp. / operating temperature: -40°C - + 125°C
[mm]
A
B
C
marking
D
D
E
1,0
1,2
3,2
1,0
SEITE 1 VON 3




Html ページ

1  2  3 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl