データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL267440 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL267440
部品情報  10-Bit and 12-Bit, 1MSPS SAR ADCs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267440 データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL267440 Datasheet HTML 2Page - Intersil Corporation ISL267440 Datasheet HTML 3Page - Intersil Corporation ISL267440 Datasheet HTML 4Page - Intersil Corporation ISL267440 Datasheet HTML 5Page - Intersil Corporation ISL267440 Datasheet HTML 6Page - Intersil Corporation ISL267440 Datasheet HTML 7Page - Intersil Corporation ISL267440 Datasheet HTML 8Page - Intersil Corporation ISL267440 Datasheet HTML 9Page - Intersil Corporation ISL267440 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ISL267440, ISL267450A
6
FN7708.0
December 5, 2011
VIN+, VIN–
Absolute Input Voltage Range
VCM = VREF
VIN+
VCM±VREF/2
VCM±VREF/2
VIN–
VCM±VREF/2
VCM±VREF/2
ILEAK
Input DC Leakage Current
-1
1
-1
1
µA
CVIN
Input Capacitance
Track/Hold mode
13/5
13/5
pF
REFERENCE INPUT
REF
REF Input Voltage Range
VDD = 3V (1% tolerance for specified
performance)
2.0
2.0
V
VDD = 5V (1% tolerance for specified
performance)
2.5
2.5
V
ILEAK
DC Leakage Current
-1
1
-1
1
μA
CREF
REF Input Capacitance
Track/Hold mode
21/18.5
21/18.5
pF
LOGIC INPUTS
VIH
Input High Voltage
2.4
2.4
V
VIL
Input Low Voltage
0.8
0.8
V
ILEAK
Input Leakage Current
-1
1
-1
1
µA
CIN
Input Capacitance
10
10
pF
LOGIC OUTPUTS
VOH
Output High Voltage
ISOURCE = 200µA
VDD - 0.3
VDD - 0.3
V
VOL
Output Low Voltage
ISINK = 200µA
0.4
0.4
V
IOZ
Floating-State Output Current
-1
1
-1
1
µA
COUT
Floating-State Output Capacitance
10
10
pF
Output Coding
Two’s Complement
CONVERSION RATE
tCONV
Conversion Time
fSCLK = 18MHz
888
888
ns
tACQ
Acquisition Time
200
200
ns
fmax
Throughput Rate
1000
1000 kSPS
POWER REQUIREMENTS
VDD
Positive Supply Voltage Range
2.73.6
2.73.6
V
4.75
5.25
4.75
5.25
V
IDD
Positive Supply Input Current
Static
11
µA
Dynamic
3V
1250
1250
µA
5V
1700
1700
µA
Power Dissipation
Static Mode
VDD = 3V
33
µW
VDD = 5V
55
µW
Dynamic
VDD = 3V, fsmpl =1MSPS
3.75
3.75
mW
VDD = 5V, fsmpl =1MSPS
8.50
8.50
mW
NOTES:
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
8. The absolute voltage applied to each analog input must be between GND and VDD to guarantee datasheet performance.
Electrical Specifications VDD = +3.0V to +3.6V, fSCLK = 18MHz, fS = 1MSPS, VREF = 2.0V; VDD = +4.75V to +5.25V, fSCLK =18MHz,
fS =1MSPS, VREF = 2.5V; VCM = VREF, unless otherwise noted. Typical values are at TA = +25°C. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
ISL267440
ISL267450A
UNITS
MIN
(Note 7)
TYP
MAX
(Note 7)
MIN
(Note 7)
TYP
MAX
(Note 7)


同様の部品番号 - ISL267440

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL267440 INTERSIL-ISL267440 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL267440 INTERSIL-ISL267440 Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267440IHZ-T INTERSIL-ISL267440IHZ-T Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results

同様の説明 - ISL267440

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com