データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL267440 データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL267440
部品情報  10-Bit and 12-Bit, 1MSPS SAR ADCs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267440 データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL267440 Datasheet HTML 6Page - Intersil Corporation ISL267440 Datasheet HTML 7Page - Intersil Corporation ISL267440 Datasheet HTML 8Page - Intersil Corporation ISL267440 Datasheet HTML 9Page - Intersil Corporation ISL267440 Datasheet HTML 10Page - Intersil Corporation ISL267440 Datasheet HTML 11Page - Intersil Corporation ISL267440 Datasheet HTML 12Page - Intersil Corporation ISL267440 Datasheet HTML 13Page - Intersil Corporation ISL267440 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ISL267440, ISL267450A
10
FN7708.0
December 5, 2011
FIGURE 17. HISTOGRAM OF 10,000 CONVERSIONS OF A DC INPUT
FOR THE ISL267450A WITH VDD = 5V
FIGURE 18. TYPICAL DNL FOR THE ISL267440 FOR VDD = 5V
FIGURE 19. ISL267440 DYNAMIC PERFORMANCE WITH VDD = 5V
FIGURE 20. TYPICAL INL FOR THE ISL267440 FOR VDD = 5V
Typical Performance Characteristics (Continued)
0
10k
20k
30k
40k
50k
60k
70k
2044
2045
2046
2047
2048
2049
2050
CODE
65,516
CODES
10
CODES
10
CODES
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
256
512
768
1024
CODE
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
FREQUENCY (kHz)
8192-POINT FFT
fSAMPLE = 1MSPS
fIN = 95.2kHz
SINAD = 61.6dB
THD = -75dB
SFDR = 81dB
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
256
512
768
1024
CODE


同様の部品番号 - ISL267440

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL267440 INTERSIL-ISL267440 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL267440 INTERSIL-ISL267440 Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267440IHZ-T INTERSIL-ISL267440IHZ-T Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results

同様の説明 - ISL267440

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com