データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL267440IUZ データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL267440IUZ
部品情報  10-Bit and 12-Bit, 1MSPS SAR ADCs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267440IUZ データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL267440IUZ Datasheet HTML 5Page - Intersil Corporation ISL267440IUZ Datasheet HTML 6Page - Intersil Corporation ISL267440IUZ Datasheet HTML 7Page - Intersil Corporation ISL267440IUZ Datasheet HTML 8Page - Intersil Corporation ISL267440IUZ Datasheet HTML 9Page - Intersil Corporation ISL267440IUZ Datasheet HTML 10Page - Intersil Corporation ISL267440IUZ Datasheet HTML 11Page - Intersil Corporation ISL267440IUZ Datasheet HTML 12Page - Intersil Corporation ISL267440IUZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ISL267440, ISL267450A
9
FN7708.0
December 5, 2011
FIGURE 11. CHANGE IN DNL vs VREF FOR THE ISL267450A FOR
VDD = 5V
FIGURE 12. CHANGE IN INL vs VREF FOR THE ISL267450A FOR
VDD =3V
FIGURE 13. CHANGE IN DNL VS. VREF FOR THE ISL267450A FOR
VDD =3V
FIGURE 14. CHANGE IN OFFSET ERROR vs REFERENCE VOLTAGE
FOR VDD = 5V AND 3V FOR THE ISL267450A
FIGURE 15. CHANGE IN INL vs VREF FOR THE ISL267450A FOR
VDD =5V
FIGURE 16. CHANGE IN ENOB vs REFERENCE VOLTAGE FOR
VDD = 5V AND 3V FOR THE ISL267450A
Typical Performance Characteristics (Continued)
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
Neg DNL
Pos DNL
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
VREF (V)
Neg INL
Pos INL
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
VREF (V)
Neg DNL
Pos DNL
-2
-1
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
3V VDD
5V VDD
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
Neg INL
Pos INL
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0.00.5
1.01.5
2.02.5
3.0
3.5
VREF (V)
5V VDD
3V VDD


同様の部品番号 - ISL267440IUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440IUZ RENESAS-ISL267440IUZ Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267440IUZ-T INTERSIL-ISL267440IUZ-T Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440IUZ-T RENESAS-ISL267440IUZ-T Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267440IUZ-T7A INTERSIL-ISL267440IUZ-T7A Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results

同様の説明 - ISL267440IUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com