データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA214S50 データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISLA214S50
部品情報  14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214S50 データシート(HTML) 5 Page - Intersil Corporation

  ISLA214S50 Datasheet HTML 1Page - Intersil Corporation ISLA214S50 Datasheet HTML 2Page - Intersil Corporation ISLA214S50 Datasheet HTML 3Page - Intersil Corporation ISLA214S50 Datasheet HTML 4Page - Intersil Corporation ISLA214S50 Datasheet HTML 5Page - Intersil Corporation ISLA214S50 Datasheet HTML 6Page - Intersil Corporation ISLA214S50 Datasheet HTML 7Page - Intersil Corporation ISLA214S50 Datasheet HTML 8Page - Intersil Corporation ISLA214S50 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
ISLA214S50
5
FN7973.1
December 21, 2011
Absolute Maximum Ratings
Thermal Information
AVDD to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.4V to 2.1V
OVDD to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.4V to 2.1V
AVSS to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 0.3V
Analog Inputs to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Clock Inputs to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Logic Input to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Logic Inputs to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Latchup (Tested per JESD-78C;Class 2,Level A . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
48 Ld QFN (Notes 3, 4, 5) . . . . . . . . . . . . . .
23
0.75
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
4. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
5. For solder stencil layout and reflow guidelines, please see Tech Brief TB389.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -2dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade). Boldface limits apply
over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
ISLA214S50
ISLA214S35
UNITS
MIN
(Note 6)
TYP
MAX
(Note 6)
MIN
(Note 6)
TYP
MAX
(Note 6)
DC SPECIFICATIONS
Analog Input
Full-Scale Analog Input
Range
VFS
Differential
1.95
2.00
2.15
1.95
2.00
2.15
VP-P
Input Resistance
RIN
Differential
600
600
Ω
Input Capacitance
CIN
Differential
13.3
13.3
pF
Full Scale Range Temp. Drift
AVTC
Full Temp
100
100
ppm/°C
Input Offset Voltage
VOS
-5.0
±1
5.0
-5.0
±1
5.0
mV
Gain Error
EG
-2.6
-2.6
%
Common-Mode Output
Voltage
VCM
0.94
0.94
V
Common Mode Input Current
(per pin)
ICM
6.0
6.0
µA/MSPS
Clock Inputs
Inputs Common Mode
Voltage
0.9
0.9
V
CLKP, CLKN Swing
1.8
1.8
V
Power Requirements
1.8V Analog Supply Voltage
AVDD
1.7
1.8
1.9
1.7
1.8
1.9
V
1.8V Digital Supply Voltage
OVDD
1.7
1.8
1.9
1.7
1.8
1.9
V
1.8V Analog Supply Current
IAVDD
359
385
313
mA
1.8V Digital Supply Current
IOVDD
I2E on, Fs/4 filter on,
Minimum number of lanes
active
222
248
159
mA


同様の部品番号 - ISLA214S50

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA214S50 INTERSIL-ISLA214S50 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA214S50IR1Z RENESAS-ISLA214S50IR1Z Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
ISLA214S50IR48EV1Z RENESAS-ISLA214S50IR48EV1Z Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results

同様の説明 - ISLA214S50

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com