データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040 データシート(PDF) 7 Page - Maxim Integrated Products

部品番号 LM4040
部品情報  Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4040 データシート(HTML) 7 Page - Maxim Integrated Products

Back Button LM4040 Datasheet HTML 3Page - Maxim Integrated Products LM4040 Datasheet HTML 4Page - Maxim Integrated Products LM4040 Datasheet HTML 5Page - Maxim Integrated Products LM4040 Datasheet HTML 6Page - Maxim Integrated Products LM4040 Datasheet HTML 7Page - Maxim Integrated Products LM4040 Datasheet HTML 8Page - Maxim Integrated Products LM4040 Datasheet HTML 9Page - Maxim Integrated Products LM4040 Datasheet HTML 10Page - Maxim Integrated Products LM4040 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Improved Precision Micropower Shunt Voltage
Reference with Multiple Reverse Breakdown Voltages
_______________________________________________________________________________________
7
Note 1: All devices are 100% production tested at TA = +25°C and are guaranteed by design for TA = TMIN to TMAX, as specified.
Note 2: The overtemperature limit for Reverse Breakdown Voltage Tolerance is defined as the room-temperature Reverse
Breakdown Voltage Tolerance ±[(
∆VR/∆T)(max∆T)(VR)], where ∆VR/∆T is the VR temperature coefficient, max∆T is the maxi-
mum difference in temperature from the reference point of +25°C to TMIN or TMAX, and VR is the reverse breakdown volt-
age. The total overtemperature tolerance for the different grades in the temperature range where max
∆T = +65°C is shown
below:
A grade: ±0.75% = ±0.1% ±100ppm/°C  65°C
B grade: ±0.85% = ±0.2% ±100ppm/°C  65°C
C grade: ±1.15% = ±0.5% ±100ppm/°C  65°C
D grade: ±1.98% = ±1.0% ±150ppm/°C  65°C
The total over-temperature tolerance for the different grades in the extended temperature range where max
∆T = +100°C is
shown below:
A grade: ±1.1% = ±0.1% ±100ppm/°C  100°C
B grade: ±1.2% = ±0.2% ±100ppm/°C  100°C
C grade: ±1.5% = ±0.5% ±100ppm/°C  100°C
D grade: ±2.5% = ±1.0% ±150ppm/°C  100°C
Therefore, as an example, the A-grade LM4040-2.5 has an over-temperature reverse breakdown voltage tolerance of ±2.5V
 0.75% = ±19mV.
Note 3: Guaranteed by design.
ELECTRICAL CHARACTERISTICS—5.000V
(IR = 100µA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LM4040A (0.1%)
4.995
5.000
5.005
LM4040B (0.2%)
4.990
5.000
5.010
LM4040C (0.5%)
4.975
5.000
5.025
Reverse Breakdown Voltage
VR
TA = +25
°C
LM4040D (1.0%)
4.950
5.000
5.050
V
LM4040A
±5.0
±38
LM4040B
±10
±43
LM4040C
±25
±58
Reverse Breakdown Voltage
Tolerance (Note 2)
VR
LM4040D
±50
±99
mV
LM4040A/B/C
54
80
Minimum Operating Current
IRMIN
LM4040D
54
85
µA
IR = 10mA
±30
LM4040A/B/C
±20
±100
IR = 1mA
LM4040D
±20
±150
Average Reverse Voltage
Temperature Coefficient
(Notes 2 and 3)
∆VR/∆T
IR = 100µA
±15
ppm/
°C
LM4040A/B/C
0.5
1.4
IRMIN
≤ IR ≤ 1mA
LM4040D
0.5
1.8
LM4040A/B/C
3.5
12.0
Reverse Breakdown Voltage
Change with Operating
Current Change
1mA
≤ IR ≤ 15mA
LM4040D
3.5
15.0
mV
LM4040A/B/C
0.5
1.1
Reverse Dynamic
Impedance (Note 3)
ZR
IR = 1mA, f = 120Hz,
IAC = 0.1IR
LM4040D
0.5
1.5
Wideband Noise
eN
IR = 100µA, 10Hz
≤ f ≤ 10kHz
80
µVRMS
Reverse Breakdown Voltage
Long-Term Stability
∆VR
T = 1000h
120
ppm


同様の部品番号 - LM4040

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4040 NSC-LM4040 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040 Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
logo
Micrel Semiconductor
LM4040 MICREL-LM4040 Datasheet
106Kb / 16P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040 Datasheet
2Mb / 31P
[Old version datasheet]   REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
LM4040 TI-LM4040 Datasheet
482Kb / 43P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

同様の説明 - LM4040

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050 Datasheet
287Kb / 14P
   50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138 MAXIM-MAX6138 Datasheet
331Kb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 2; 4/04
LM4050 MAXIM-LM4050_11 Datasheet
495Kb / 14P
   50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
LM4041CIM3-12-T MAXIM-LM4041CIM3-12-T Datasheet
143Kb / 7P
   Improved Precision Micropower Shunt Voltage Reference
Rev 5; 1/09
LM4041 MAXIM-LM4041 Datasheet
143Kb / 7P
   Improved Precision Micropower Shunt Voltage Reference
19-1704; Rev 5; 1/09
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com