データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS6001A データシート(PDF) 4 Page - Touchstone Semiconductor Inc

部品番号 TS6001A
部品情報  A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS6001A データシート(HTML) 4 Page - Touchstone Semiconductor Inc

  TS6001A Datasheet HTML 1Page - Touchstone Semiconductor Inc TS6001A Datasheet HTML 2Page - Touchstone Semiconductor Inc TS6001A Datasheet HTML 3Page - Touchstone Semiconductor Inc TS6001A Datasheet HTML 4Page - Touchstone Semiconductor Inc TS6001A Datasheet HTML 5Page - Touchstone Semiconductor Inc TS6001A Datasheet HTML 6Page - Touchstone Semiconductor Inc TS6001A Datasheet HTML 7Page - Touchstone Semiconductor Inc TS6001A Datasheet HTML 8Page - Touchstone Semiconductor Inc TS6001A Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TS6001
Page 4
TS6001DS r1p0
RTFDS
Line Regulation
SUPPLY VOLTAGE - Volt
-40
0
80
120
TA = -40°C
TA = +85°C
40
LOAD CURRENT- mA
TA = +85
°C
Load Regulation
-0.5
0.5
0.25
-0.25
-160
-80
160
0
80
SOURCE CURRENT- µA
Dropout Voltage vs Source Current
400
800
0
1000
600
200
0
0.1
0.4
0.2
0.3
TIME - Hours
0
TA = +25°C
TA = +85°C
TA = -40°C
8
12
2
14
10
4
6
TA = -40°C
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = +5V; IOUT = 0mA; TA = +25
°C, unless otherwise noted.
TA = +25°C
TA = +25
°C
THREE TYPICAL DEVICES
DEVICE #1
0
42
84
168
126
2.5050
DEVICE #2
DEVICE #3
Long-Term Output Voltage Drift
TEMPERATURE DRIFT-
°C
-40
-15
10
35
85
60
2.4995
2.4990
THREE TYPICAL DEVICES
DEVICE #1
DEVICE #2
DEVICE #3
2.5005
2.5000
2.5010
Output Voltage Temperature Drift
OUTPUT VOLTAGE ERROR -
%
0
0.02
2
0
7
6
9
Output Voltage Histogram
-0.02
0.04
4
8
5
3
1
2.5025
2.5000
2.4950
2.4975


同様の部品番号 - TS6001A

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS6001AIG325 SILABS-TS6001AIG325 Datasheet
1Mb / 13P
   Improved Electrical Performance
logo
Touchstone Semiconducto...
TS6001AIG325T TOUCHSTONE-TS6001AIG325T Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
logo
Silicon Laboratories
TS6001AIG325T SILABS-TS6001AIG325T Datasheet
1Mb / 13P
   Improved Electrical Performance
logo
Touchstone Semiconducto...
TS6001AIG325TP TOUCHSTONE-TS6001AIG325TP Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
More results

同様の説明 - TS6001A

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS6001B TOUCHSTONE-TS6001B Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
logo
Zarlink Semiconductor I...
SR25D ZARLINK-SR25D Datasheet
336Kb / 5P
   2.5V PRECISION VOLTAGE REFERENCE
logo
Analog Devices
REF-03 AD-REF-03 Datasheet
282Kb / 8P
   2.5V Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com