データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5404 データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FAN5404
部品情報  FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5404 データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5404 Datasheet HTML 6Page - Fairchild Semiconductor FAN5404 Datasheet HTML 7Page - Fairchild Semiconductor FAN5404 Datasheet HTML 8Page - Fairchild Semiconductor FAN5404 Datasheet HTML 9Page - Fairchild Semiconductor FAN5404 Datasheet HTML 10Page - Fairchild Semiconductor FAN5404 Datasheet HTML 11Page - Fairchild Semiconductor FAN5404 Datasheet HTML 12Page - Fairchild Semiconductor FAN5404 Datasheet HTML 13Page - Fairchild Semiconductor FAN5404 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5400 Family • Rev. 1.0.7
10
I
2C Timing Specifications
Guaranteed by design.
Symbol
Parameter
Conditions
Min.
Typ.
Max. Units
tFDA
SDA Fall Time
Standard Mode
20+0.1CB
300
ns
Fast Mode
20+0.1CB
300
High-Speed Mode, CB < 100pF
10
80
High-Speed Mode, CB < 400pF
20
160
tSU;STO
Stop Condition Setup Time
Standard Mode
4
s
Fast Mode
600
ns
High-Speed Mode
160
ns
CB
Capacitive Load for SDA, SCL
400
pF
Timing Diagrams
START
REPEATED
START
SCL
SDA
t
F
t
HD;STA
t
LOW
t
R
t
HD;DAT
t
HIGH
T
SU;DAT
t
SU;STA
t
HD;STO
t
BUF
START
STOP
t
HD;STA
Figure 5. I
2C Interface Timing for Fast and Slow Modes
REPEATED
START
SCLH
SDAH
t
FDA
t
LOW
t
RCL1
t
HD;DAT
t
HIGH
t
SU;STO
REPEATED
START
t
RDA
t
FCL
t
SU;DAT
t
RCL
STOP
= MCS Current Source Pull-up
= R
P Resistor Pull-up
note A
Note A: First rising edge of SCLH after Repeated Start and after each ACK bit.
t
HD;STA
t
SU;STA
Figure 6. I
2C Interface Timing for High-Speed Mode


同様の部品番号 - FAN5404

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5404 FAIRCHILD-FAN5404 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
FAN54040 FAIRCHILD-FAN54040 Datasheet
2Mb / 41P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
logo
ON Semiconductor
FAN54040 ONSEMI-FAN54040 Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
logo
Fairchild Semiconductor
FAN54040UCX FAIRCHILD-FAN54040UCX Datasheet
2Mb / 41P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
logo
ON Semiconductor
FAN54040UCX ONSEMI-FAN54040UCX Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
More results

同様の説明 - FAN5404

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC811 SEMTECH-SC811 Datasheet
373Kb / 23P
   Adapter/USB Tri-Mode Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com