データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW61A データシート(PDF) 6 Page - Siemens Semiconductor Group

部品番号 BCW61A
部品情報  PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCW61A データシート(HTML) 6 Page - Siemens Semiconductor Group

  BCW61A Datasheet HTML 1Page - Siemens Semiconductor Group BCW61A Datasheet HTML 2Page - Siemens Semiconductor Group BCW61A Datasheet HTML 3Page - Siemens Semiconductor Group BCW61A Datasheet HTML 4Page - Siemens Semiconductor Group BCW61A Datasheet HTML 5Page - Siemens Semiconductor Group BCW61A Datasheet HTML 6Page - Siemens Semiconductor Group BCW61A Datasheet HTML 7Page - Siemens Semiconductor Group BCW61A Datasheet HTML 8Page - Siemens Semiconductor Group BCW61A Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BCW 61
BCX 71
Semiconductor Group
6
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
Permissible pulse load Ptot max/Ptot DC = f (
tp)
Collector-base capacitance CCB0 = f (VCB0)
Emitter-base capacitance CEB0 = f (VEB0)
Transition frequency fT = f (IC)
VCE = 5 V


同様の部品番号 - BCW61A

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
BCW61A SAMSUNG-BCW61A Datasheet
32Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Nanjing International G...
BCW61A DGNJDZ-BCW61A Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Fairchild Semiconductor
BCW61A FAIRCHILD-BCW61A Datasheet
32Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Infineon Technologies A...
BCW61A INFINEON-BCW61A Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
logo
Fairchild Semiconductor
BCW61A FAIRCHILD-BCW61A Datasheet
47Kb / 4P
   General Purpose Transistor
More results

同様の説明 - BCW61A

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com