データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW60D データシート(PDF) 7 Page - Siemens Semiconductor Group

部品番号 BCW60D
部品情報  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCW60D データシート(HTML) 7 Page - Siemens Semiconductor Group

  BCW60D Datasheet HTML 1Page - Siemens Semiconductor Group BCW60D Datasheet HTML 2Page - Siemens Semiconductor Group BCW60D Datasheet HTML 3Page - Siemens Semiconductor Group BCW60D Datasheet HTML 4Page - Siemens Semiconductor Group BCW60D Datasheet HTML 5Page - Siemens Semiconductor Group BCW60D Datasheet HTML 6Page - Siemens Semiconductor Group BCW60D Datasheet HTML 7Page - Siemens Semiconductor Group BCW60D Datasheet HTML 8Page - Siemens Semiconductor Group BCW60D Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Semiconductor Group
7
Base-emitter saturation voltage
IC = f (VBEsat)
hFE = 40
Collector current IC = f (VBE)
VCE = 5 V
Collector-emitter saturation voltage
IC = f (VCEsat)
hFE = 40
DC current gain hFE = f (IC)
VCE = 5 V
BCW 60
BCX 70


同様の部品番号 - BCW60D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCW60D PHILIPS-BCW60D Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 22
BCW60D NXP-BCW60D Datasheet
126Kb / 6P
   NPN general purpose transistors
1999 Apr 22
logo
Samsung semiconductor
BCW60D SAMSUNG-BCW60D Datasheet
35Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
NXP Semiconductors
BCW60D PHILIPS-BCW60D Datasheet
126Kb / 6P
   NPN general purpose transistors
1999 Apr 22
logo
Fairchild Semiconductor
BCW60D FAIRCHILD-BCW60D Datasheet
31Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

同様の説明 - BCW60D

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com