データシートサーチシステム |
|
BCX79-VII データシート(PDF) 5 Page - Siemens Semiconductor Group |
|
BCX79-VII データシート(HTML) 5 Page - Siemens Semiconductor Group |
5 / 7 page Semiconductor Group 5 Electrical Characteristics at TA = 25 ˚C, unless otherwise specified. MHz Transition frequency IC = 20 mA, VCE = 5 V, f = 100 MHz fT – 250 – AC characteristics pF Output capacitance VCB = 10 V, f = 1 MHz Cobo –3– Input capacitance VEB = 0.5 V, f = 1 MHz Cibo –10 – k Ω Short-circuit input impedance IC = 2 mA, VCE = 5 V, f = 1 kHz BCX 78 VII, BCX 79 VII BCX 78 VIII, BCX 79 VIII BCX 78 IX, BCX 79 IX BCX 78 X, BCX 79 X h11e – – – – 2.7 3.6 4.5 7.5 – – – – 10–4 Open-circuit reverse voltage transfer ratio IC = 2 mA, VCE = 5 V, f = 1 kHz BCX 78 VII, BCX 79 VII BCX 78 VIII, BCX 79 VIII BCX 78 IX, BCX 79 IX BCX 78 X, BCX 79 X h12e – – – – 1.5 2 2 3 – – – – Unit Values Parameter Symbol min. typ. max. dB Noise figure IC = 0.2 mA, VCE = 5 V, RS = 2 k Ω f = 1 kHz, ∆f = 200 Hz F –2– – Short-circuit forward current transfer ratio IC = 2 mA, VCE = 5 V, f = 1 kHz BCX 78 VII, BCX 79 VII BCX 78 VIII, BCX 79 VIII BCX 78 IX, BCX 79 IX BCX 78 X, BCX 79 X h21e – – – – 200 260 330 520 – – – – µS Open-circuit output admittance IC = 2 mA, VCE = 5 V, f = 1 kHz BCX 78 VII, BCX 79 VII BCX 78 VIII, BCX 79 VIII BCX 78 IX, BCX 79 IX BCX 78 X, BCX 79 X h22e – – – – 18 24 30 50 – – – – BCX 78 BCX 79 |
同様の部品番号 - BCX79-VII |
|
同様の説明 - BCX79-VII |